Electronic Components Datasheet Search
  English  ▼

X  

DS1225 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1225
Description  64K Nonvolatile SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1225 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1225 Datasheet HTML 1Page - Dallas Semiconductor DS1225 Datasheet HTML 2Page - Dallas Semiconductor DS1225 Datasheet HTML 3Page - Dallas Semiconductor DS1225 Datasheet HTML 4Page - Dallas Semiconductor DS1225 Datasheet HTML 5Page - Dallas Semiconductor DS1225 Datasheet HTML 6Page - Dallas Semiconductor DS1225 Datasheet HTML 7Page - Dallas Semiconductor DS1225 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS1225Y
64K Nonvolatile SRAM
DS1225Y
021998 1/8
FEATURES
• 10 years minimum data retention in the absence of
external power
• Data is automatically protected during power loss
• Directly replaces 8K x 8 volatile static RAM or EE-
PROM
• Unlimited write cycles
• Low-power CMOS
• JEDEC standard 28–pin DIP package
• Read and write access times as fast as 150 ns
• Full ±10% operating range
• Optional industrial temperature range of –40°C to
+85
°C, designated IND
PIN ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
NC
A8
A9
A11
A10
DQ7
DQ6
DQ5
DQ4
DQ3
WE
OE
CE
28–PIN ENCAPSULATED PACKAGE
720 MIL EXTENDED
PIN DESCRIPTION
A0–A12
– Address Inputs
DQ0–DQ7
– Data In/Data Out
CE
– Chip Enable
WE
– Write Enable
OE
– Output Enable
VCC
– Power (+5V)
GND
– Ground
NC
– No Connect
DESCRIPTION
The DS1225Y 64K Nonvolatile SRAM is a 65,536–bit,
fully static, nonvolatile RAM organized as 8192 words
by 8 bits. Each NV SRAM has a self–contained lithium
energy source and control circuitry which constantly
monitors VCC for an out–of–tolerance condition. When
such a condition occurs, the lithium energy source is
automatically switched on and write protection is uncon-
ditionally enabled to prevent data corruption. The NV
SRAM can be used in place of existing 8K x 8 SRAMs
directly conforming to the popular bytewide 28–pin DIP
standard. The DS1225Y also matches the pinout of the
2764 EPROM or the 2864 EEPROM, allowing direct
substitution while enhancing performance. There is no
limit on the number of write cycles that can be executed
and no additional support circuitry is required for micro-
processor interfacing.


Similar Part No. - DS1225

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1225 TTELEC-DS1225 Datasheet
806Kb / 3P
Platon Vampire - Electronic Indicator
logo
Dallas Semiconductor
DS1225AB DALLAS-DS1225AB Datasheet
147Kb / 10P
64k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1225AB MAXIM-DS1225AB Datasheet
210Kb / 9P
64k Nonvolatile SRAM
19-5625; Rev 11/10
logo
Dallas Semiconductor
DS1225AB-150 DALLAS-DS1225AB-150 Datasheet
147Kb / 10P
64k Nonvolatile SRAM
DS1225AB-150-IND DALLAS-DS1225AB-150-IND Datasheet
147Kb / 10P
64k Nonvolatile SRAM
More results

Similar Description - DS1225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
1024Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1225AB DALLAS-DS1225AB Datasheet
147Kb / 10P
64k Nonvolatile SRAM
logo
Sanyo Semicon Device
LC3664BL-10 SANYO-LC3664BL-10 Datasheet
200Kb / 7P
64K SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
128Kx16 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1225AB DALLAS-DS1225AB_10 Datasheet
210Kb / 9P
64k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
16K Nonvolatile SRAM
DS1225Y ARTSCHIP-DS1225Y Datasheet
283Kb / 7P
64K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
1024K Nonvolatile SRAM
021998
DS1225Y MAXIM-DS1225Y Datasheet
185Kb / 8P
64k Nonvolatile SRAM
19-5603; Rev 10/10
DS1225AB MAXIM-DS1225AB Datasheet
210Kb / 9P
64k Nonvolatile SRAM
19-5625; Rev 11/10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com