Electronic Components Datasheet Search
  English  ▼

X  

DS1225 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1225
Description  64K Nonvolatile SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1225 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1225 Datasheet HTML 1Page - Dallas Semiconductor DS1225 Datasheet HTML 2Page - Dallas Semiconductor DS1225 Datasheet HTML 3Page - Dallas Semiconductor DS1225 Datasheet HTML 4Page - Dallas Semiconductor DS1225 Datasheet HTML 5Page - Dallas Semiconductor DS1225 Datasheet HTML 6Page - Dallas Semiconductor DS1225 Datasheet HTML 7Page - Dallas Semiconductor DS1225 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS1225Y
021998 3/8
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–0.3V to +7.0V
Operating Temperature
0
°C to 70°C; –40°C to +85°C for IND parts
Storage Temperature
–40
°C to +70°C; –40°C to +85°C for IND parts
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(tA: See Note 10)
PARAMETER
SYM
MIN
TYP
MAX
UNITS
NOTES
Power Supply Voltage
VCC
4.5
5.0
5.5
V
Input Logic 1
VIH
2.2
VCC
V
Input Logic 0
VIL
0.0
+0.8
V
DC ELECTRICAL CHARACTERISTICS
(tA: See Note 10; VCC = 5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
–1.0
+1.0
µA
I/O Leakage Current
CE > VIH < VCC
IIO
–1.0
+1.0
µA
Output Current @ 2.4V
IOH
–1.0
mA
Output Current @ 0.4V
IOL
2.0
mA
Standby Current CE = 2.2V
ICCS1
5
10
mA
Standby Current CE = VCC–0.5V
ICCS2
3
5
mA
Operating Current tCYC=200 ns
(Commercial)
ICCO1
75
mA
Operating Current tCYC=200 ns
(Industrial)
ICCO1
85
mA
Write Protection Voltage
VTP
4.25
V
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com