Electronic Components Datasheet Search
  English  ▼

X  

DS1243 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1243
Description  64K NV SRAM with Phantom Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1243 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1243 Datasheet HTML 5Page - Dallas Semiconductor DS1243 Datasheet HTML 6Page - Dallas Semiconductor DS1243 Datasheet HTML 7Page - Dallas Semiconductor DS1243 Datasheet HTML 8Page - Dallas Semiconductor DS1243 Datasheet HTML 9Page - Dallas Semiconductor DS1243 Datasheet HTML 10Page - Dallas Semiconductor DS1243 Datasheet HTML 11Page - Dallas Semiconductor DS1243 Datasheet HTML 12Page - Dallas Semiconductor DS1243 Datasheet HTML 13Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
DS1243Y
13 of 13
DS1243Y 28–PIN EXTENDED BOTTOM
720-MIL BODY WIDTH (DIMENSION B)
PKG
28-PIN
DIM
MIN
MAX
A IN.
MM
1.520
38.61
1.540
39.12
B IN.
MM
0.695
17.65
0.720
1.29
C IN.
MM
0.395
10.03
0.415
10.54
D IN.
MM
0.100
2.54
0.130
3.30
E IN.
MM
0.017
0.43
0.030
0.76
F IN.
MM
0.120
3.05
0.160
4.06
G IN.
MM
0.090
2.29
0.110
2.79
H IN.
MM
0.590
14.99
0.630
16.00
J IN.
MM
0.008
0.20
0.012
0.30
K IN.
MM
0.015
0.38
0.021
0.53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com