Electronic Components Datasheet Search
  English  ▼

X  

1225 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # 1225
Description  64k Nonvolatile SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

1225 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button 1225 Datasheet HTML 2Page - Dallas Semiconductor 1225 Datasheet HTML 3Page - Dallas Semiconductor 1225 Datasheet HTML 4Page - Dallas Semiconductor 1225 Datasheet HTML 5Page - Dallas Semiconductor 1225 Datasheet HTML 6Page - Dallas Semiconductor 1225 Datasheet HTML 7Page - Dallas Semiconductor 1225 Datasheet HTML 8Page - Dallas Semiconductor 1225 Datasheet HTML 9Page - Dallas Semiconductor 1225 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DS1225AB/AD
7 of 10
POWER-DOWN/POWER-UP CONDITION
SEE NOTE 11
POWER-DOWN/POWER-UP TIMING
(TA : See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CE at VIH before Power-Down
tPD
0
µs
11
VCC slew from VTP to 0V
tF
300
µs
VCC slew from 0V to VTP
tR
300
µs
CE at VIH after Power-Up
tREC
2
125
ms
(TA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Expected Data Retention Time
tDR
10
years
9
WARNING:
Under no circumstance are negative undershoots, of any amplitude, allowed when device is in battery
backup mode.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com