Electronic Components Datasheet Search
  English  ▼

X  

1225 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # 1225
Description  64k Nonvolatile SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

1225 Datasheet(HTML) 4 Page - Dallas Semiconductor

  1225 Datasheet HTML 1Page - Dallas Semiconductor 1225 Datasheet HTML 2Page - Dallas Semiconductor 1225 Datasheet HTML 3Page - Dallas Semiconductor 1225 Datasheet HTML 4Page - Dallas Semiconductor 1225 Datasheet HTML 5Page - Dallas Semiconductor 1225 Datasheet HTML 6Page - Dallas Semiconductor 1225 Datasheet HTML 7Page - Dallas Semiconductor 1225 Datasheet HTML 8Page - Dallas Semiconductor 1225 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DS1225AB/AD
4 of 10
(VCC =5V ± 5% for DS1225AB)
(TA: See Note 10)
AC ELECTRICAL CHARACTERISTICS
(VCC =5V ± 10% for DS1225AD)
DS1225AB-70
DS1225AD-70
DS1220AB-85
DS1220AD-85
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Read Cycle Time
tRC
70
85
ns
Access Time
tACC
70
85
ns
OE to Output Valid
tOE
35
45
ns
CE to Output Valid
tCO
70
85
ns
OE or CE to Output Active
tCOE
5
5ns
5
Output High Z from Deselection
tOD
25
30
ns
5
Output Hold from Address
Change
tOH
5
5ns
Write Cycle Time
tWC
70
85
ns
Write Pulse Width
tWP
55
65
ns
3
Address Setup Time
tAW
00
ns
Write Recovery Time
tWR1
tWR2
0
10
0
10
ns
ns
12
13
Output High Z from WE
tODW
25
30
ns
5
Output Active from WE
tOEW
5
5ns
5
Data Setup Time
tDS
30
35
ns
4
Data Hold Time
tDH1
tDH2
0
10
0
10
ns
ns
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com