Electronic Components Datasheet Search
  English  ▼

X  

1225 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # 1225
Description  64k Nonvolatile SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

1225 Datasheet(HTML) 3 Page - Dallas Semiconductor

  1225 Datasheet HTML 1Page - Dallas Semiconductor 1225 Datasheet HTML 2Page - Dallas Semiconductor 1225 Datasheet HTML 3Page - Dallas Semiconductor 1225 Datasheet HTML 4Page - Dallas Semiconductor 1225 Datasheet HTML 5Page - Dallas Semiconductor 1225 Datasheet HTML 6Page - Dallas Semiconductor 1225 Datasheet HTML 7Page - Dallas Semiconductor 1225 Datasheet HTML 8Page - Dallas Semiconductor 1225 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DS1225AB/AD
3 of 10
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Operating Temperature
0°C to 70°C; -40°C to +85°C for IND parts
Storage Temperature
-40°C to +70°C; -40°C to +85°C for IND parts
Soldering Temperature
260°C for 10 seconds
∗ This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
DS1225AB Power Supply Voltage
VCC
4.75
5.0
5.25
V
DS1225AD Power Supply Voltage
VCC
4.50
5.0
5.5
V
Logic 1
VIH
2.2
VCC
V
Logic 0
VIL
0.0
+0.8
V
(VCC =5V ± 5% for DS1225AB)
(TA: See Note 10)
DC ELECTRICAL CHARACTERISTICS
(VCC =5V ± 10% for DS1225AD)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-1.0
+1.0
µA
I/O Leakage Current
CE > VIH< VCC
IIO
-1.0
+1.0
µA
Output Current @ 2.4V
IOH
-1.0
mA
Output Current @ 0.4V
IOL
2.0
mA
Standby Current CE =2.2V
ICCS1
5.0
10.0
mA
Standby Current CE =VCC -0.5V
ICCS2
3.0
5.0
mA
Operating Current tCYC=200 ns
(Commercial)
ICC01
75
mA
Operating Current tCYC=200 ns
(Industrial)
ICC01
85
mA
Write Protection Voltage
(DS1225AB)
VTP
4.50
4.62
4.75
V
Write Protection Voltage
(DS1225AD)
VTP
4.25
4.37
4.5
V
CAPACITANCE
(TA =25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
510
pF
Input/Output Capacitance
CI/O
510
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com