Electronic Components Datasheet Search
  English  ▼

X  

DS1629 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1629
Description  2-Wire Digital Thermometer and Real Time Clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1629 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1629 Datasheet HTML 1Page - Dallas Semiconductor DS1629 Datasheet HTML 2Page - Dallas Semiconductor DS1629 Datasheet HTML 3Page - Dallas Semiconductor DS1629 Datasheet HTML 4Page - Dallas Semiconductor DS1629 Datasheet HTML 5Page - Dallas Semiconductor DS1629 Datasheet HTML 6Page - Dallas Semiconductor DS1629 Datasheet HTML 7Page - Dallas Semiconductor DS1629 Datasheet HTML 8Page - Dallas Semiconductor DS1629 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
DS1629
2 of 22
102299
The open-drain alarm output of the DS1629 will become active when either the measured temperature
exceeds the programmed over-temperature limit (TH) or current time reaches the programmed alarm
setting. The user can configure which event (time only, temperature only, either, or neither) will generate
an alarm condition. For storage of general system data or time/temperature datalogging, the DS1629
features 32 bytes of SRAM. Applications for the DS1629 include personal computers/ PDAs, cellular
telephones, office equipment, thermal dataloggers, or any microprocessor-based, thermally-sensitive
system.
DETAILED PIN DESCRIPTION Table 1
PIN
SYMBOL
DESCRIPTION
1
SDA
Data input/output pin for 2-wire serial communication port.
2
SCL
Clock input/output pin for 2-wire serial communication port.
3
ALRM
Alarm output Open drain time/temperature alarm output with configurable active
state
4
GND
Ground pin.
5
X2
32.768 kHz Feedback Output .
6
X1
32.768 kHz Crystal input.
7
OSC
Oscillator Output. Open-drain output used for microcontroller clock input.
8
VDD
Supply voltage 2.2V - 5.5V input power pin.
OVERVIEW
A block diagram of the DS1629 is shown in Figure 1.
The DS1629 consists of six major components:
1.
Direct-to-digital temperature sensor
2.
Real time clock
3.
2-wire interface
4.
Data registers
5.
Thermal & clock alarm comparators
6.
Oscillator divider & buffer
The factory-calibrated temperature sensor requires no external components. The very first time the
DS1629 is powered up it begins temperature conversions, and performs conversions continuously. The
host can periodically read the value in the temperature register, which contains the last completed
conversion. As conversions are performed in the background, reading the temperature register does not
affect the conversion in progress.
The host can modify DS1629 configuration such that it does not power up in the auto-convert or
continuous convert modes. This could be beneficial in power-sensitive applications.
The real time clock/calendar maintains a BCD count of seconds, minutes, hours, day of the week, day of
the month, month, and year. It does so with an internal oscillator/ divider and a required 32.768 kHz
crystal. The end of the month date is automatically updated for months with less than 31 days, including
compensation for leap years through the year 2100. The clock format is configurable as a 12- (power-up
default) or 24-hour format, with an AM/PM indicator in the 12-hour mode. The RTC can be shut down
by clearing a bit in the clock register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com