Electronic Components Datasheet Search
  English  ▼

X  

DS1629 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1629
Description  2-Wire Digital Thermometer and Real Time Clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1629 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1629 Datasheet HTML 1Page - Dallas Semiconductor DS1629 Datasheet HTML 2Page - Dallas Semiconductor DS1629 Datasheet HTML 3Page - Dallas Semiconductor DS1629 Datasheet HTML 4Page - Dallas Semiconductor DS1629 Datasheet HTML 5Page - Dallas Semiconductor DS1629 Datasheet HTML 6Page - Dallas Semiconductor DS1629 Datasheet HTML 7Page - Dallas Semiconductor DS1629 Datasheet HTML 8Page - Dallas Semiconductor DS1629 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DS1629
5 of 22
102299
At the same time, the counter is then preset with a value determined by the slope accumulator circuitry.
This circuitry is needed to compensate for the parabolic behavior of the oscillators over temperature. The
counter is then clocked again until it reaches 0. If the gate period is still not finished, then this process
repeats.
The slope accumulator is used to compensate for the nonlinear behavior of the oscillators over
temperature, yielding a high resolution temperature measurement. This is done by changing the number
of counts necessary for the counter to go through for each incremental degree in temperature. To obtain
the desired resolution, therefore, both the value of the counter and the number of counts per degree C (the
value of the slope accumulator) at a given temperature must be known.
Internally, this calculation is done inside the DS1629 to provide 0.5
°C resolution. Table 2 describes the
exact relationship of output data to measured temperature.
For Fahrenheit usage, a lookup table or
conversion factor must be used.
Note that temperature is represented in the DS1629 in terms of a 0.5
°C LSB, yielding the 9-bit format
illustrated in Table 2. Higher resolutions may be obtained by implementing the algorithm in Application
Note 105 and performing the following calculation. The 8-bit COUNT_REMAIN value can be obtained
via the Read Counter (A8h) command and the COUNT_PER_C value (also 8-bit) is read via the Read
Slope command (A9h).
T = TEMP_READ -0.25 +
C
COUNT_PER_
EMAIN)
_C_COUNT_R
(COUNT_PER
Temperature/Data Relationships Table 2
S
2
6
2
5
2
4
2
3
2
2
2
1
2
0
MSB
MSb
(unit = °C)
LSb
2
-1
0
0
0
0
0
0
0
LSB
TEMPERATURE
DIGITAL OUTPUT
(Binary)
DIGITAL OUTPUT
(Hex)
+125°C
01111101 00000000
7D00h
+25°C
00011001 00000000
1900
0.5°C
00000000 10000000
0080
0°C
00000000 00000000
0000
-0.5°C
11111111 10000000
FF80
-25°C
11100111 00000000
E700h
-55°C
11001001 00000000
C900h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com