Electronic Components Datasheet Search
  English  ▼

X  

DS1629 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS1629
Description  2-Wire Digital Thermometer and Real Time Clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1629 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS1629 Datasheet HTML 14Page - Dallas Semiconductor DS1629 Datasheet HTML 15Page - Dallas Semiconductor DS1629 Datasheet HTML 16Page - Dallas Semiconductor DS1629 Datasheet HTML 17Page - Dallas Semiconductor DS1629 Datasheet HTML 18Page - Dallas Semiconductor DS1629 Datasheet HTML 19Page - Dallas Semiconductor DS1629 Datasheet HTML 20Page - Dallas Semiconductor DS1629 Datasheet HTML 21Page - Dallas Semiconductor DS1629 Datasheet HTML 22Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DS1629
21 of 22
102299
DC ELECTRICAL CHARACTERISTICS:
DIGITAL THERMOMETER
(-55°C to +125°C; 2.7V
≤V
DD
≤5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
DS1629 Thermometer
Error
TERR
-10°C to
+85°C
2.7V
≤V
DD
≤5.5V
±2.0
°C
6
Resolution
0.03
0.5
°C
7
Conversion Time
tCONVT
400
1000
ms
AC ELECTRICAL CHARACTERISTICS:
2-WIRE INTERFACE
(-55°C to +125°C; 2.2V
≤V
DD
≤5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
SCL Clock Period
t1
2.5
µs
Data In Setup Time to
SCL High
t2
100
ns
Data Out Stable after
SCL Low
t3
0
ns
SDA Low Setup
Time to SCL
Low (START)
t4
100
ns
SDA High Hold
Time After SCL
High (STOP)
t5
100
ns
Capacitance Load for
each Bus Line
Cb
400
pF
8
Input Capacitance
CI
5
pF
Crystal Capacitance
CC
12.5
pF
9
NOTES:
1.
All voltages are referenced to ground, unless otherwise noted.
2.
Logic 0 voltage specified at a sink current of 4 mA at VDD =5.0V and 1.5 mA at VDD =2.2V.
3.
I/O pins of fast mode devices must not obstruct the SDA and SCL lines if VDD is switched off.
4.
Standby current specified with temperature conversions and clock oscillator/buffer shut down,
ALRM pin open, and SDA, SCL = VDD, 0°C to +70°C.
5.
IDDX specified with ALRM pin open, and 0°C to +70°C.
6.
See typical accuracy curve for specification limits outside the temperature range indicated.
Thermometer error is specified for 2.7V
≤ V
DD
≤ 5.5V. Accuracy will degrade approximately
0.5°C if ALRM is sinking the maximum current.
7.
Thermometer resolution (in °C) = 1/COUNT_PER_C(T). The calibration algorithm is such that
COUNT_PER_C and thus resolution varies over temperature (but is constant at a given
temperature for a given device) and from device to device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com