Electronic Components Datasheet Search
  English  ▼

X  

DS1644LPM Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1644LPM
Description  Nonvolatile Timekeeping RAM?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1644LPM Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1644LPM Datasheet HTML 3Page - Dallas Semiconductor DS1644LPM Datasheet HTML 4Page - Dallas Semiconductor DS1644LPM Datasheet HTML 5Page - Dallas Semiconductor DS1644LPM Datasheet HTML 6Page - Dallas Semiconductor DS1644LPM Datasheet HTML 7Page - Dallas Semiconductor DS1644LPM Datasheet HTML 8Page - Dallas Semiconductor DS1644LPM Datasheet HTML 9Page - Dallas Semiconductor DS1644LPM Datasheet HTML 10Page - Dallas Semiconductor DS1644LPM Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DS1644LPM
041697 7/11
AC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
CC = 5.0V ± 10%)
PARAMETER
SYMBOL
DS1644L–120
DS1644L–150
UNITS
NOTES
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Read Cycle Time
tRC
120
150
ns
Address Access Time
tAA
120
150
ns
CE Access Time
tCEA
120
150
ns
CE Data Off Time
tCEZ
40
50
ns
Output Enable Access Time
tOEA
100
120
ns
Output Enable Data Off Time
tOEZ
40
50
ns
Output Enable to DQ Low–Z
tOEL
5
5
ns
CE to DQ Low–Z
tCEL
5
5
ns
Output Hold from Address
tOH
5
5
ns
Write Cycle Time
tWC
120
150
ns
Address Setup Time
tAS
0
0
ns
CE Pulse Width
tCEW
100
120
ns
Address Hold from End of Write
tAH1
tAH2
5
30
5
30
ns
ns
5
6
Write Pulse Width
tWEW
120
150
ns
WE Data Off Time
tWEZ
40
50
ns
WE or CE Inactive Time
tWR
10
10
ns
Data Setup Time
tDS
85
110
ns
Data Hold Time High
tDH1
tDH2
0
25
0
25
ns
ns
5
6
AC TEST CONDITIONS
Input Levels:
0V to 3V
Transition Times:
5 ns
CAPACITANCE
(tA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Capacitance on all pins
(except DQ)
CI
7
pF
Capacitance on DQ pins
CDQ
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com