Electronic Components Datasheet Search
  English  ▼

X  

DS1644LPM Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1644LPM
Description  Nonvolatile Timekeeping RAM?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1644LPM Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1644LPM Datasheet HTML 1Page - Dallas Semiconductor DS1644LPM Datasheet HTML 2Page - Dallas Semiconductor DS1644LPM Datasheet HTML 3Page - Dallas Semiconductor DS1644LPM Datasheet HTML 4Page - Dallas Semiconductor DS1644LPM Datasheet HTML 5Page - Dallas Semiconductor DS1644LPM Datasheet HTML 6Page - Dallas Semiconductor DS1644LPM Datasheet HTML 7Page - Dallas Semiconductor DS1644LPM Datasheet HTML 8Page - Dallas Semiconductor DS1644LPM Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DS1644LPM
041697 5/11
DATA RETENTION MODE
When VCC is within nominal limits (VCC > 4.5 volts) the
DS1644L can be accessed as described above with
read or write cycles. However, when VCC is below the
power fail point VPF (point at which write protection oc-
curs) the internal clock registers and RAM are blocked
from access. This is accomplished internally by inhibit-
ing access via the CE signal. At this time the power–fail
output signal (PFO) will be driven active low and will
remain active until VCC returns to nominal levels. When
VCC falls below the level of the internal battery supply,
power input is switched from the VCC pin to the internal
battery and clock activity, RAM, and clock data are
maintained from the battery until VCC is returned to
nominal level.
INTERNAL BATTERY LONGEVITY
The DS1644L has a self contained lithium power source
that is designed to provide energy for clock activity, and
clock and RAM data retention when the VCC supply is
not present. The capability of this internal power supply
is sufficient to power the DS1644L continuously for the
life of the equipment in which it is installed. For specifi-
cation purposes, the life expectancy is 10 years at 25
°C
with the internal clock oscillator running in the absence
of VCC power. The DS1644L is shipped from Dallas
Semiconductor with the clock oscillator turned off, so
the expected life should be considered to start from the
time the clock oscillator is first turned on. Actual life ex-
pectancy of the DS1644L will be much longer than 10
years since no internal lithium battery energy is con-
sumed when VCC is present. In fact, in most applica-
tions, the life expectancy of the DS1644L will be approx-
imately equal to the shelf life (expected useful life of the
lithium battery with no load attached) of the lithium bat-
tery which may prove to be as long as 20 years.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com