Electronic Components Datasheet Search
  English  ▼

X  

DS1644LPM Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1644LPM
Description  Nonvolatile Timekeeping RAM?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1644LPM Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1644LPM Datasheet HTML 1Page - Dallas Semiconductor DS1644LPM Datasheet HTML 2Page - Dallas Semiconductor DS1644LPM Datasheet HTML 3Page - Dallas Semiconductor DS1644LPM Datasheet HTML 4Page - Dallas Semiconductor DS1644LPM Datasheet HTML 5Page - Dallas Semiconductor DS1644LPM Datasheet HTML 6Page - Dallas Semiconductor DS1644LPM Datasheet HTML 7Page - Dallas Semiconductor DS1644LPM Datasheet HTML 8Page - Dallas Semiconductor DS1644LPM Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ECopyright 1995 by Dallas Semiconductor Corporation.
All Rights Reserved. For important information regarding
patents and other intellectual property rights, please refer to
Dallas Semiconductor data books.
DS1644LPM
Nonvolatile Timekeeping RAM
DS1644LPM
041697 1/11
FEATURES
• Upward compatible with the DS1643AL Timekeeping
RAM to achieve higher RAM density
• Integrated NV SRAM, real time clock, crystal, power–
fail control circuit and lithium energy source
• Low profile socketable module
– 255 mil package height
• Clock registers are accessed identical to the static
RAM. These registers are resident in the eight top
RAM locations.
• Totally nonvolatile with over 10 years of operation in
the absence of power
• Access time of 120 ns and 150 ns
• Quartz accuracy ±1 minute a month @ 25°C, factory
calibrated
• BCD coded year, month, date, day, hours, minutes,
and seconds with leap year compensation valid up to
2100
• Power–fail write protection allows for ±10% V
CC pow-
er supply tolerance
ORDERING INFORMATION
DS1644L–XXX
–120
120 ns access
150 ns access
–150
Low Profile Module
PIN ASSIGNMENT
OE
CE
WE
PFO
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
34
33
32
31
30
29
28
27
26
25
24
23
22
14
15
16
17
21
20
19
18
NC
NC
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
NC
NC
NC
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
GND
34–PIN LOW PROFILE MODULE
PIN DESCRIPTION
A0–A14
– Address Input
CE
– Chip Enable
OE
– Output Enable
WE
– Write Enable
VCC
– +5 Volts
GND
– Ground
DQ0-DQ7
– Data Input/Output
NC
– No Connection
PFO
– Power Fail Output
DESCRIPTION
The DS1644L is a low profile module that requires a
PLCC surface mountable socket and is functionally
equivalent to the DS1644. The DS1644L is a 32K x 8
nonvolatile static RAM with a full function real time clock
which are both accessible in a Byte–wide format. The
real time clock information resides in the eight upper-
most RAM locations. The RTC registers contain year,
month, date, day, hours, minutes, and seconds data in
24 hour BCD format. Corrections for the day of the
month and leap year are made automatically. The RTC
clock registers are double buffered to avoid access of in-
correct data that can occur during clock update cycles.
The double buffered system also prevents time loss as
the timekeeping countdown continues unabated by ac-
cess to time register data. The DS1644L also contains
its own power–fail circuitry which deselects the device
when the VCC supply is in an out–of–tolerance condi-
tion. This feature prevents loss of data from unpredict-
able system operation brought on by low VCC as errant
access and update cycles are avoided.


Similar Part No. - DS1644LPM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1644 MAXIM-DS1644 Datasheet
215Kb / 14P
Nonvolatile Timekeeping RAM
Rev 4/10
logo
Dallas Semiconductor
DS1644+120 DALLAS-DS1644+120 Datasheet
302Kb / 13P
Nonvolatile Timekeeping RAM
DS1644-120 DALLAS-DS1644-120 Datasheet
302Kb / 13P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1644-120+ MAXIM-DS1644-120+ Datasheet
215Kb / 14P
Nonvolatile Timekeeping RAM
Rev 4/10
logo
Dallas Semiconductor
DS16440-120 DALLAS-DS16440-120 Datasheet
302Kb / 13P
Nonvolatile Timekeeping RAM
More results

Similar Description - DS1644LPM

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
Nonvolatile Timekeeping RAM
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
Nonvolatile Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1642 MAXIM-DS1642 Datasheet
145Kb / 13P
Nonvolatile Timekeeping RAM
Rev 5/10
DS1646-120 MAXIM-DS1646-120 Datasheet
204Kb / 13P
Nonvolatile Timekeeping RAM
Rev 10/10
logo
ARTSCHIP ELECTRONICS CO...
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
Nonvolatile Timekeeping RAM
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
Nonvolatile Timekeeping RAM
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com