Electronic Components Datasheet Search
  English  ▼

X  

DS1669 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1669
Description  Dallastat Electronic Digital Rheostat
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1669 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1669 Datasheet HTML 2Page - Dallas Semiconductor DS1669 Datasheet HTML 3Page - Dallas Semiconductor DS1669 Datasheet HTML 4Page - Dallas Semiconductor DS1669 Datasheet HTML 5Page - Dallas Semiconductor DS1669 Datasheet HTML 6Page - Dallas Semiconductor DS1669 Datasheet HTML 7Page - Dallas Semiconductor DS1669 Datasheet HTML 8Page - Dallas Semiconductor DS1669 Datasheet HTML 9Page - Dallas Semiconductor DS1669 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DS1669
8 of 10
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to -V
-V -0.5V + 8.0V
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 15 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
+ Supply Voltage
+V
-V + 4.5
-V + 8.0
V
- Supply Voltage
-V
+V - 8.0
+V - 4.5
V
Rheostat Inputs
RH,RW,RL
-V - 0.5
+V + 0.5
V
Logic Input 1
VIH
+2.4
V
1, 2
Logic Input 0
VIL
+0.8
V
1, 2
DC ELECTRICAL CHARACTERISTICS: (-40°C to +85°C; -V to +V = 4.5V to 8.0V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
+, - Supply Current
ICC1
12
mA
3
Supply Current,
Idle State
ICC2
65
µA
9
Wiper Resistance
RW
400
1000
Wiper Current
IW
1mA5
Rheostat Current
IH, IL
1mA5
Power-Up Time
tPU
10
µs
10
Input Leakage
ILI
-1
+1
µA
1
AC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; -V to +V = 4.5V to 8.0V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Digital Input
Pulse Width
tDPW
1
DC
µs
1, 7, 8
Contact
Pulse Width
tCPW
1
DC
ms
1, 7, 8
Repetitive Input
Pulse High Time
tHPW
1
DC
ms
1, 7, 8
Continuous
Input Pulse
tCCP
1
DC
s
1, 7, 8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com