Electronic Components Datasheet Search
  English  ▼

X  

DS1669 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1669
Description  Dallastat Electronic Digital Rheostat
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1669 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1669 Datasheet HTML 2Page - Dallas Semiconductor DS1669 Datasheet HTML 3Page - Dallas Semiconductor DS1669 Datasheet HTML 4Page - Dallas Semiconductor DS1669 Datasheet HTML 5Page - Dallas Semiconductor DS1669 Datasheet HTML 6Page - Dallas Semiconductor DS1669 Datasheet HTML 7Page - Dallas Semiconductor DS1669 Datasheet HTML 8Page - Dallas Semiconductor DS1669 Datasheet HTML 9Page - Dallas Semiconductor DS1669 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DS1669
10 of 10
NOTES:
1. All inputs; UV, DC, and D are internally pulled up with a resistance of 100kΩ.
2. Input logic levels are referenced to -V.
3. ICC is the internal current that flows between -V and +V.
4. Input leakage applies to contact inputs UC and DC and digital input (D).
5. Wiper current and rheostat currents are the maximum currents which can flow in the resistive
elements.
6. Capacitance values apply at 25°C.
7. Input pulse width is the minimum time required for an input to cause an increment or decrement. If
the UC, DC or D input is held active for longer than 1 second, subsequent increments or decrements
will occur on 100 ms intervals until the inputs UC, DC, and/or D is released to VIH.
8. Repetitive pulsed inputs on UC, DC, or D will be recognized as long as the pulse repetition occurs
within 1 second of each other. Pulses occurring faster than 1 ms apart may not be recognized as
individual inputs but can be interpreted a constant input.
9. Idle state supply current is measured with no pushbutton depressed and with the wiper. RW tied to a
CMOS load.
10. Maximum time required for the Dallastat to determine single or dual pushbutton operation after input
supply has reached 10% of recommended supply operating conditions.
11. Absolute linearity is used to determine wiper voltage versus expected voltage as determined by wiper
position.
12. Relative linearity is used to determine the change in voltage between successive tap positions.
13. -3 dB cutoff frequency characteristics for the DS1669 depend on potentiometer total resistance:
DS1669-010; 1 MHz, DS1669-050; 200 kHz, DS1669-100; 100 kHz.
14. Valid at 25
°C only.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com