Electronic Components Datasheet Search
  English  ▼

X  

DS1669 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1669
Description  Dallastat Electronic Digital Rheostat
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1669 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1669 Datasheet HTML 1Page - Dallas Semiconductor DS1669 Datasheet HTML 2Page - Dallas Semiconductor DS1669 Datasheet HTML 3Page - Dallas Semiconductor DS1669 Datasheet HTML 4Page - Dallas Semiconductor DS1669 Datasheet HTML 5Page - Dallas Semiconductor DS1669 Datasheet HTML 6Page - Dallas Semiconductor DS1669 Datasheet HTML 7Page - Dallas Semiconductor DS1669 Datasheet HTML 8Page - Dallas Semiconductor DS1669 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
120299
FEATURES
Replaces mechanical variable resistors
Electronic interface provided for digital as
well as manual control
Wide differential input voltage range
between 4.5 and 8 volts
Wiper position is maintained in the absence
of power
Low-cost alternative to mechanical controls
Applications include volume, tone, contrast,
brightness, and dimmer control
Available in 8-pin SOIC and 8-pin DIP
packages
Standard resistance values for Dallastat:
− DS1669-10 ~ 10 kΩ
− DS1669-50 ~ 50 kΩ
− DS1669-100 ~ 100 kΩ
Operating Temperature Range
− Industrial: -40°C to +85°C
PIN ASSIGNMENT DS1669
PIN DESCRIPTION DS1669
RH
- High Terminal of Potentiometer
RW
- Wiper Terminal of Potentiometer
RL
- Low Terminal of Potentiometer
-V, +V
- Voltage Inputs
UC
- Up Contact Input
D
- Digital Input
DC
- Down Contact Input
DESCRIPTION
The DS1669 DallastatTM is a digital rheostat or potentiometer. This device provides 64 possible uniform
tap points over the entire resistive range. The standard resistive ranges are 10 k
Ω, 50 kΩ, and 100 kΩ.
The Dallastat can be controlled by either a switch contact closure input or a digital source input such as a
CPU. Wiper position is maintained in the absence of power through the use of a EEPROM memory cell
array. The EEPROM cell array will withstand more than 50,000 writes.
The DS1669 is offered in two standard IC packages which include an 8-pin 300-mil DIP and an 8-pin
208-mil SOIC. The DS1669 can be configured to operate using a single pushbutton, dual pushbutton or
digital source input by varying power-on conditions. This is illustrated in Figures 1 and 2. The DS1669
pinouts allow access to both ends of the potentiometer RL, RH, and the wiper, RW. Control inputs include
DS1669
Dallastat
TM Electronic Digital Rheostat
www.dalsemi.com
+V
DC
RW
-V
(RL)
D
UC
(RH)
8
7
6
5
1
2
3
4
8-Pin DIP (300-mil)
See Mech. Drawings Section
1
2
3
4
8
7
6
5
+V
DC
RW
V-
(RL)
D
UC
(RH)
8-Pin SOIC (208-mil)
See Mech. Drawings Section


Similar Part No. - DS1669

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1669 DALLAS-DS1669 Datasheet
70Kb / 10P
ELECTRONIC DIGITAL RHEOSTAT
logo
Maxim Integrated Produc...
DS1669 MAXIM-DS1669 Datasheet
178Kb / 11P
Dallastat Electronic Digital Rheostat
011806
logo
Dallas Semiconductor
DS1669-050 DALLAS-DS1669-050 Datasheet
70Kb / 10P
ELECTRONIC DIGITAL RHEOSTAT
logo
Maxim Integrated Produc...
DS1669-10 MAXIM-DS1669-10 Datasheet
178Kb / 11P
Dallastat Electronic Digital Rheostat
011806
DS1669-10+ MAXIM-DS1669-10+ Datasheet
178Kb / 11P
Dallastat Electronic Digital Rheostat
011806
More results

Similar Description - DS1669

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1869 DALLAS-DS1869 Datasheet
131Kb / 8P
3V Dallastat Electronic Digital Rheostat
DS1668 DALLAS-DS1668 Datasheet
70Kb / 10P
ELECTRONIC DIGITAL RHEOSTAT
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT55 VISHAY-RT55 Datasheet
157Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
logo
Maxim Integrated Produc...
DS1669 MAXIM-DS1669 Datasheet
178Kb / 11P
Dallastat Electronic Digital Rheostat
011806
DS1869 MAXIM-DS1869 Datasheet
136Kb / 8P
3V DallastatTM Electronic Digital Rheostat
112099
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com