Electronic Components Datasheet Search
  English  ▼

X  

DS1672 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1672
Description  Low Voltage Serial Timekeeping Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1672 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1672 Datasheet HTML 4Page - Dallas Semiconductor DS1672 Datasheet HTML 5Page - Dallas Semiconductor DS1672 Datasheet HTML 6Page - Dallas Semiconductor DS1672 Datasheet HTML 7Page - Dallas Semiconductor DS1672 Datasheet HTML 8Page - Dallas Semiconductor DS1672 Datasheet HTML 9Page - Dallas Semiconductor DS1672 Datasheet HTML 10Page - Dallas Semiconductor DS1672 Datasheet HTML 11Page - Dallas Semiconductor DS1672 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DS1672
8 of 13
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +6.0V
Operating Temperature
-40
°C to +85°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
See J-STD-020A specification
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC
2.97
3.3
3.63
V
1
VCC
2.7
3.0
3.3
V
1
Supply Voltage (DS1672-33)
(DS1672-3)
(DS1672-2)
VCC
1.8
2.0
2.2
V
1
Logic 1
VIH
0.7VCC
VCC + 0.5
V
1
Logic 0
VIL
-0.5
0.3VCC
V1
Backup Supply Voltage
VBACKUP
1.3
3.6
V
1
DC ELECTRICAL CHARACTERISTICS
DS1672-33
(-40
°C to +85°C; V
CC = 2.97 to 3.63V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Active Supply Current
ICCA
2mA
7
Standby Current
ICCS
500
µA
8
Power-Fail Voltage
VPF
2.80
2.88
2.97
V
1
DC ELECTRICAL CHARACTERISTICS
DS1672-3
(-40
°C to +85°C; V
CC = 2.7 to 3.3V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Active Supply Current
ICCA
2mA
7
Standby Current
ICCS
500
µA
9
Power-Fail Voltage
VPF
2.5
2.6
2.7
V
1
DC ELECTRICAL CHARACTERISTICS
DS1672-2
(-40
°C to +85°C; V
CC = 1.8 to 2.2V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Active Supply Current
ICCA
2mA
7
Standby Current
ICCS
500
µA
10
Power-Fail Voltage
VPF
1.6
1.7
1.8
V
1
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC < VPF)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Timekeeping Current
IOSC
1
µA
12
Backup Standby Current
(Oscillator Off)
IBACKUP
200
nA
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com