Electronic Components Datasheet Search
  English  ▼

X  

DS1672 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1672
Description  Low Voltage Serial Timekeeping Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1672 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1672 Datasheet HTML 1Page - Dallas Semiconductor DS1672 Datasheet HTML 2Page - Dallas Semiconductor DS1672 Datasheet HTML 3Page - Dallas Semiconductor DS1672 Datasheet HTML 4Page - Dallas Semiconductor DS1672 Datasheet HTML 5Page - Dallas Semiconductor DS1672 Datasheet HTML 6Page - Dallas Semiconductor DS1672 Datasheet HTML 7Page - Dallas Semiconductor DS1672 Datasheet HTML 8Page - Dallas Semiconductor DS1672 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 of 13
082800
FEATURES
32-bit counter
2-wire serial interface
Automatic power-fail detect and switch
circuitry
Power-fail reset output
Low-voltage oscillator operation (1.3V min.)
Trickle charge capability
ORDERING INFORMATION
DS1672X-X
2
2.0V operation
3
3.0V operation
33 3.3V operation
blank
8-pin DIP
S8-pin SOIC
U
8-pin µSOP
PIN ASSIGNMENT
PIN DESCRIPTION
VCC, VBACKUP
- Power Supply Inputs
GND
- Ground
X1, X2
- 32.768 kHz crystal pins
SCL
- Serial clock
SDA
- Serial data
RST
- Reset output
DESCRIPTION
The DS1672 incorporates a 32-bit counter and power monitoring functions.
The 32-bit counter is
designed to count seconds and can be used to derive time of day, week, month, month, and year by using
a software algorithm. A precision temperature-compensated reference and comparator circuit monitors
the status of VCC. When an out-of-tolerance condition occurs, an internal power-fail signal is generated
which forces the reset to the active state. When VCC returns to an in-tolerance condition, the reset signal
is kept in the active state for 250 ms to allow the power supply and processor to stabilize.
OPERATION
The block diagram in Figure 1 shows the main elements of the DS1672. As shown, communications to
and from the DS1672 occur serially over a 2-wire bi-directional bus. The DS1672 operates as a slave
device on the serial bus. Access is obtained by implementing a START condition and providing a device
identification code followed by a register address. Subsequent registers can be accessed sequentially until
a STOP condition is executed.
DS1672
Low Voltage Serial Timekeeping Chip
PRELIMINARY
1
2
3
4
8
7
6
5
VCC
RST
SCL
SDA
X1
X2
VBACKUP
GND


Similar Part No. - DS1672

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
I2C 32-Bit Binary Counter RTC
REV: 031406
DS1672 MAXIM-DS1672 Datasheet
197Kb / 15P
I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672-2 MAXIM-DS1672-2 Datasheet
514Kb / 15P
I2C 32-Bit Binary Counter RTC
REV: 031406
DS1672-3 MAXIM-DS1672-3 Datasheet
514Kb / 15P
I2C 32-Bit Binary Counter RTC
REV: 031406
DS1672-33 MAXIM-DS1672-33 Datasheet
514Kb / 15P
I2C 32-Bit Binary Counter RTC
REV: 031406
More results

Similar Description - DS1672

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
Serial Timekeeping Chip
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
Trickle Charge Timekeeping Chip
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
Nonvolatile Timekeeping RAM
DS1302 DALLAS-DS1302_05 Datasheet
649Kb / 16P
Trickle-Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
Watchdog Timekeeping Controller
REV: 112105
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
Trickle-Charge Timekeeping Chip
REV: 120208
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
Trickle Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
Trickle Charge Timekeeping Chip
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com