Electronic Components Datasheet Search
  English  ▼

X  

DS1672 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1672
Description  Low Voltage Serial Timekeeping Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1672 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1672 Datasheet HTML 5Page - Dallas Semiconductor DS1672 Datasheet HTML 6Page - Dallas Semiconductor DS1672 Datasheet HTML 7Page - Dallas Semiconductor DS1672 Datasheet HTML 8Page - Dallas Semiconductor DS1672 Datasheet HTML 9Page - Dallas Semiconductor DS1672 Datasheet HTML 10Page - Dallas Semiconductor DS1672 Datasheet HTML 11Page - Dallas Semiconductor DS1672 Datasheet HTML 12Page - Dallas Semiconductor DS1672 Datasheet HTML 13Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DS1672
9 of 13
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC > VPF)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Fast Mode
100
400
SCL Clock
Frequency
fSCL
Standard Mode
100
kHz
Fast Mode
1.3
Bus Free Time
Between a STOP
and START
Condition
tBUF
Standard Mode
4.7
µs
Fast Mode
0.6
Hold Time
(Repeated) START
Condition
tHD:STA
Standard Mode
4.0
µs
2
Fast Mode
1.3
LOW Period of
SCL Clock
tLOW
Standard Mode
4.7
µs
Fast Mode
0.6
HIGH Period of
SCL Clock
tHIGH
Standard Mode
4.0
µs
Fast Mode
0.6
Set-up Time for a
Repeated START
Condition
tSU:STA
Standard Mode
4.7
µs
Fast Mode
0
0.9
Data Hold Time
tHD:DAT
Standard Mode
0
µs
3, 4
Fast Mode
100
Data Set-up Time
tSU:DAT
Standard Mode
250
µs
11
Fast Mode
20 + 0.1CB
300
Rise Time of Both
SDA and SCL
Signals
tR
Standard Mode
1000
ns
5
Fast Mode
20 + 0.1CB
300
Fall Time of Both
SDA and SCL
Signals
tF
Standard Mode
300
ns
5
Fast Mode
0.6
Set-up Time for
STOP Condition
tSU:STO
Standard Mode
4.0
µs
Capacitive Load for
each Bus Line
CB
400
pF
5
I/O Capacitance
CI/O
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com