Electronic Components Datasheet Search
  English  ▼

X  

DS1682 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1682
Description  Total Elapsed Time Recorder with Alarm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1682 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1682 Datasheet HTML 2Page - Dallas Semiconductor DS1682 Datasheet HTML 3Page - Dallas Semiconductor DS1682 Datasheet HTML 4Page - Dallas Semiconductor DS1682 Datasheet HTML 5Page - Dallas Semiconductor DS1682 Datasheet HTML 6Page - Dallas Semiconductor DS1682 Datasheet HTML 7Page - Dallas Semiconductor DS1682 Datasheet HTML 8Page - Dallas Semiconductor DS1682 Datasheet HTML 9Page - Dallas Semiconductor DS1682 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DS1682
6 of 13
Over bit is set to a 1 the first time that the 2 byte Event Counter reaches FFh and rolls over to 00h. Once
the Event Roll Over bit is set to a 1 and the Event Counter reaches FFh, event counting will stop and the
event counter will not roll over to 00h again. This value is not erasable when the Reset Enable and the
AoR bits in the Configuration register are set to a zero and does not require a power source to maintain
the contents to insure the data’s integrity. This register can only be cleared when the Reset Enable bit is
set to a one or the AoR bit is set to a 1 and the Alarm# pin is held high, and the Reset command is sent
via the 2-wire bus.
RESET COMMAND
The DS1682 can only be reset when the Reset Enable bit is set to a one or the AoR bit is set to a one with
the Alarm# pin held high, and the Reset command is sent via the 2-wire bus by writing 55h into memory
location 1Dh. With the Reset Enable bit set to a 0, the AoR bit set to a 0 or the AoR bit set to a 1 and the
Alarm# pin held low, the Reset command is ignored by the DS1682. With the Write Disable flag set to a
1, the contents of the Alarm Trip Point and the Configuration register that are protected/locked by this bit
can not be written to or erased, even if the Reset Enable bit is set to a 1. The Reset command when the
Reset Enable bit is set to a one or the AoR bit set to a 1 and Alarm# held high, will erase the contents of
the Elapsed Time Counter, Total Time Accumulator, and Event Counter. The Reset Command will
always read 0 if the memory location is read by the user.
CONFIGURATION REGISTER
MSb
LSb
AoR
AF
WDF
WMDF
AOS
RE
AP
ERO
AoR – Alarm or Reset Enable - The Alarm or Reset Enable bit maps either the Alarm output or the Reset
Enable Input to the Alarm# pin. With the AoR bit set to a zero, the Alarm output will be mapped to the
Alarm# pin. When the AoR bit is set to a one, the Reset Enable input will be mapped to the Alarm# pin.
The standard factory setting for the AoR bit is 0. The Reset Enable input is OR’ed with the RE bit and
will perform the same function only from outside the device.
The Reset Enable input, if pulled high, will allow the D1682 to accept the Reset command via the 2-wire
bus to clear the Total Time Accumulator and Event Counter. If the Reset Enable input is pulled low, the
DS1682 will not respond to the 2-wire command to reset the Total Time Accumulator register or the
Event Counter to zero. This input allows the designer to permanently enable the reset function, enable
the function during the manufacturing process and then disable it, or turn it on and off when the
authorized repair person has completed repairing or calibrating the equipment. There is no security
provided to this pin to prevent someone from enabling the reset function at any time by pulling the pin
high. The security will have to be provided by the system and/or enclosure, if required. If a switch or
button is used to Configuration the Reset Enable input, a debounce capacitor should be used to prevent
spikes on the input.
AF – Alarm Flag - The Alarm Flag is set to a 1 when the Alarm# output is activated. If the Alarm# pin
is not activated or enabled, the Alarm Flag will be set to a 0. This bit can be cleared by the reset
command, but will be set again at the end of the next event in which the ETC and ATP values cause the
Alarm# pin to be enabled or activated. This bit can not be written by the user.
WDF – Write Disable Flag – When the Write Disable Command is written to AAh twice at memory
location 1Eh, the WDF will be set to a 1 and can not be cleared or reset. When the WDF is set to a 1, the
Alarm Trip Point and Configuration register are read-only. The Total Time Accumulator, Elapsed Time
Counter, and Event Counter will also be read only if the Reset Enable and AoR bits are set to a 0. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com