Electronic Components Datasheet Search
  English  ▼

X  

DS1682 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1682
Description  Total Elapsed Time Recorder with Alarm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1682 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1682 Datasheet HTML 1Page - Dallas Semiconductor DS1682 Datasheet HTML 2Page - Dallas Semiconductor DS1682 Datasheet HTML 3Page - Dallas Semiconductor DS1682 Datasheet HTML 4Page - Dallas Semiconductor DS1682 Datasheet HTML 5Page - Dallas Semiconductor DS1682 Datasheet HTML 6Page - Dallas Semiconductor DS1682 Datasheet HTML 7Page - Dallas Semiconductor DS1682 Datasheet HTML 8Page - Dallas Semiconductor DS1682 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 of 13
052400
FEATURES
Records the total time that the Event Input has
been active and the number of events that
have occurred
Elapsed Time Counter to monitor event
durations with quarter second resolution
Built in 32 bit non-volatile Total Time
Accumulator Register (34 years)
Non-volatile 17-bit Event Counter records the
total number of times an event has occurred
Programmable 32 bit non-volatile alarm trip
point to trigger Alarm# output
Alarm# output to alert the user that the total
accumulated time limit has been reached
Calibrated, Temperature Compensated RC
time base (accurate to 1% typ)
Stores the contents of the Elapsed Time
Counter with the previous total and
increments the event counter at the end of
each event or power down
Reset Enable bit to allow the device to be
cleared to zero, if desired
10 bytes of write protectable EEPROM user
memory
Write Disable bit to prevent the memory from
being changed or erased
Anti-Glitch filter will prevent noise spikes
from triggering false events on the Event
Input
2-wire serial communication
Wide power supply range (2.5V – 5.5V)
PIN ASSIGNMENT
PIN DESCRIPTION
EVENT
- Event Input
ALARM
- Alarm Output
GND
- Ground
SDA
- 2-wire Data Input/Output
SCL
- 2-wire Clock Input
VCC
- Voltage Supply
N/C
- No Connect
ORDERING INFORMATION
DS1682
8-Pin
µSOP
DS1682S
8-Pin SOIC (150 mil)
DS1682X
6-Pin Flip Chip Package
** For more information of Flip Chip Packaging,
go to www.dalsemi.com to the Released Data
Sheets section and select Chip Scale and Flip
Chip Package Data Index.
DESCRIPTION
The DS1682 is an integrated elapsed time recorder that will provide the total amount of time that an event
is/has been active since the DS1682 was last reset to zero via the 2-wire bus. When the total time
accumulated is equal to the preset alarm trip point and the polarity bit is set to a zero, the Alarm# output
will become active to alert the user, or with the polarity bit set to a one, the Alarm# output will become
inactive when the values match. This is ideal for applications such as monitoring the total amount of time
that something is turned on or in operation, how long something has been used, or the total number of
uses since the last calibration or repair.
DS1682
Total Elapsed Time Recorder with Alarm
www.dalsemi.com
SDA
1
SCL
EVENT
4
3
2
GND
Vcc
6
5
ALARM
Bottom View
DS1682X 6-pin Flip Chip
SDA
1
SCL
EVENT
6
3
2
GND
Vcc
8
4
5
7
N/C
N/C
ALARM
Top View
DS1682S 8-Pin SOIC (150 mil)
PRELIMINARY


Similar Part No. - DS1682

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682 Datasheet
773Kb / 14P
10 Bytes of EEPROM User Memory
Rev 1; 11/13
DS1682 MAXIM-DS1682 Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
DS1682S+ MAXIM-DS1682S+ Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
DS1682S+T&R MAXIM-DS1682S+T&R Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
Total-Elapsed-Time Recorder with Alarm
More results

Similar Description - DS1682

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
Elapsed Time Counter
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
Elapsed Time Counter Module
DS1318 DALLAS-DS1318 Datasheet
158Kb / 14P
Parallel-Interface Elapsed Time Counter
logo
Maxim Integrated Produc...
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
Elapsed Time Counter
093002
DS1683 MAXIM-DS1683 Datasheet
1Mb / 21P
Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
Total-Elapsed-Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1683 MAXIM-DS1683_12 Datasheet
1Mb / 21P
Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
Elapsed Time Meters
logo
Maxim Integrated Produc...
DS1603 MAXIM-DS1603 Datasheet
229Kb / 9P
Elapsed Time Counter Module
093002
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com