Electronic Components Datasheet Search
  English  ▼

X  

DS1682 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1682
Description  Total Elapsed Time Recorder with Alarm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1682 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1682 Datasheet HTML 5Page - Dallas Semiconductor DS1682 Datasheet HTML 6Page - Dallas Semiconductor DS1682 Datasheet HTML 7Page - Dallas Semiconductor DS1682 Datasheet HTML 8Page - Dallas Semiconductor DS1682 Datasheet HTML 9Page - Dallas Semiconductor DS1682 Datasheet HTML 10Page - Dallas Semiconductor DS1682 Datasheet HTML 11Page - Dallas Semiconductor DS1682 Datasheet HTML 12Page - Dallas Semiconductor DS1682 Datasheet HTML 13Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DS1682
11 of 13
AC ELECTRICAL CHARACTERISTICS
(-40
°C to 85°C; V
CC = 2.5 to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
EEPROM Lockout Time after
event
tEEV
500
ms
Time from Event = (0.5*VCC)
until ETC Fully Stored (VCC >
2.7V)
tPF
50
100
ms
EEPROM Write Time
tEW
150
200
ms
Alarm# Output Active Low
Pulse Width
tSL
62.5
ms
Alarm# Output Active High
Pulse Width
tSH
437.5
ms
Alarm# Input Pulled Low and
Released Pulse Width
tSPL
500
ms
Minimum Signal Hold Time
tSIG
TBD
ms
Minimum Event Hold
tEVNT
TBD
ms
Input Capacitance
Ci
5
pF
SCL clock frequency
fscl
100
kHz
Bus free time between a
STOP and START condition
tbuf
4.7
µs
Hold time (repeated) START
condition.
thd:sta
4.0
µs
2
LOW period of SCL
tlow
4.7
µs
HIGH period of SCL
thigh
4.0
µs
Set-up time for a repeated
START
tsu:sta
4.7
µs
Data hold time
thd:dat
0
µs
Data set-up time
tsu:dat
250
ns
Rise time of both SDA and
SCL signals
tr
1000
ns
Fall time of both SDA and
SCL signals
tf
1000
ns
Set-up time for STOP
tsu:sto
4.0
µs
Capacitive load for each bus
line
Cb
400
pF
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com