Electronic Components Datasheet Search
  English  ▼

X  

SP207E Datasheet(PDF) 6 Page - Exar Corporation

Part # SP207E
Description  Low Power, High ESD 5V RS-232 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP207E Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP207E Datasheet HTML 2Page - Exar Corporation SP207E Datasheet HTML 3Page - Exar Corporation SP207E Datasheet HTML 4Page - Exar Corporation SP207E Datasheet HTML 5Page - Exar Corporation SP207E Datasheet HTML 6Page - Exar Corporation SP207E Datasheet HTML 7Page - Exar Corporation SP207E Datasheet HTML 8Page - Exar Corporation SP207E Datasheet HTML 9Page - Exar Corporation SP207E Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP207E_0_052
6
Receiver input thresholds are between .2
to .7 volts typical. This allows the receiver
todetectstandardTTLorCMOSlogic-level
signals as well as RS-232 signals. If a re-
ceiver input is left unconnected or un-driven,
a5kΩpulldownresistortogroundwillcommit
the receiver to a logic- output state.
Highly Efficient Charge–Pump
The onboard dual-output charge pump is
usedtogeneratepositiveandnegativesignal
voltagesfortheRS-232drivers. Thisenables
fullycompliantRS-232andV.28signalsfrom
a single power supply device.
The charge pumps use four external capaci-
tors to hold and transfer electrical charge.
The
Exar design uses a unique approach
comparedtoolder,less–efficientdesigns.
The pumps use a four–phase voltage shift-
ing technique to attain symmetrical V+ and
V- power supplies. An intelligent control
oscillator regulates the operation of the
chargepumptomaintainthepropervoltages
atmaximumefficiency.
Phase 1
V
SS charge store and double — The positive
terminalsofcapacitorsC
 and C2 are charged
from V
CC with their negative terminals initially
connected to ground. C
l+ is then connected
to ground and the stored charge from C

– is
superimposed onto C
2
–. Since C
2+ is still
connectedtoV
CC the voltage potential across
capacitor C
2 is now 2 x VCC.
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
–
–
–
–
Phase 2
— V
SS transfer and invert — Phase two con-
nects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal
of C
2 to ground. This transfers the doubled
andinverted(V-)voltageontoC
3. Meanwhile,
capacitor C
 charged from VCC to prepare it
for its next phase.
Phase 3
V
DD charge store and double —Phase three
isidenticaltothefirstphase.Thepositive
terminalsofcapacitorsC
 and C2 are charged
from V
CC with their negative terminals initially
connected to ground. C
l+ is then connected
to ground and the stored charge from C
– is
superimposed onto C
2–. Since C2+ is still
connectedtoV
CC the voltage potential across
capacitor C
2 is now 2 x VCC.
Phase 4
V
DD transfer — The fourth phase connects
the negative terminal of C
2 to ground and
the positive terminal of C
2 to the VDD stor-
age capacitor. This transfers the doubled
(V+)voltageontoC
4. Meanwhile, capacitor
C
 is charged from VCC to prepare it for its
next phase.
Figure . Charge Pump — Phase 
VCC = +5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
–
–
–
–
-7V
Figure 2. Charge Pump — Phase 2
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
–
–
–
–
Figure 3. Charge Pump — Phase 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com