Electronic Components Datasheet Search
  English  ▼

X  

SP207E Datasheet(PDF) 8 Page - Exar Corporation

Part # SP207E
Description  Low Power, High ESD 5V RS-232 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP207E Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP207E Datasheet HTML 4Page - Exar Corporation SP207E Datasheet HTML 5Page - Exar Corporation SP207E Datasheet HTML 6Page - Exar Corporation SP207E Datasheet HTML 7Page - Exar Corporation SP207E Datasheet HTML 8Page - Exar Corporation SP207E Datasheet HTML 9Page - Exar Corporation SP207E Datasheet HTML 10Page - Exar Corporation SP207E Datasheet HTML 11Page - Exar Corporation SP207E Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP207E_0_052
8
SHuTDOwN MODE
SP211E and SP213E feature a control input
which will shut down the device and reduce
the power supply current to less than 0µA,
making the parts ideal for battery–powered
systems. Inshutdownmodethetransmitters
will be tri–stated, the V+output of the charge
pump will discharge to VCC, and the V–output
will discharge to ground. Shutdown will tri-
state all receiver outputs of the
SP211E.
SP213E wAKEuP FuNCTION
On the
SP213E, shutdown will tri-state re-
ceivers -3. Receivers 4 and 5 remain active
to provide a “wake-up” function and may be
used to monitor handshaking and control
inputsforactivity.Withonlytworeceivers
active during shutdown, the
SP213E draws
only 5–0µA of supply current.
ManystandardUARTdevicesmaybecon-
figuredtogenerateaninterruptsignalbased
onchangestotheRingIndicate(RI)orother
inputs. A typical application of this function
would be to detect modem activity with the
computer in a power–down mode. The ring
indicator signal from the modem could be
passed through an active receiver in the
SP213E that is itself in the shutdown mode.
The ring indicator signal would propagate
through the
SP213E to the power manage-
ment circuitry of the computer to power up
the microprocessor and the
SP213E driv-
ers. After the supply voltage to the
SP213E
reaches +5.0V, the SHUTDOWN pin can
be disabled, taking the
SP213E out of the
shutdown mode.
All receivers that are active during shutdown
maintain 500mV (typ.) of hysteresis.All
receivers on the
SP213E may be put into
tri-state using the ENABLE pin.
SHuTDOwN CONDITIONS
For complete shutdown to occur and the
10µApowerdraintoberealized,thefollow-
ingconditionsmustbemet:
SP211E:
• +5V must be applied to the SD pin
• ENABLE must be either Ground, +5.0V or
not connected
• the transmitter inputs must be either +5.0V
or not connected
• VCC must be +5V
• Receiver inputs must be >0V and <+5V
SP213E:
• 0V must be applied to the SD pin
• ENABLE must be either 0V, +5.0V or not
connected
• the transmitter inputs must be either +5.0V
or not connected
• VCC must be +5V
• Receiver inputs must be >0V and <+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com