Electronic Components Datasheet Search
  English  ▼

X  

SP207E Datasheet(PDF) 7 Page - Exar Corporation

Part # SP207E
Description  Low Power, High ESD 5V RS-232 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP207E Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP207E Datasheet HTML 3Page - Exar Corporation SP207E Datasheet HTML 4Page - Exar Corporation SP207E Datasheet HTML 5Page - Exar Corporation SP207E Datasheet HTML 6Page - Exar Corporation SP207E Datasheet HTML 7Page - Exar Corporation SP207E Datasheet HTML 8Page - Exar Corporation SP207E Datasheet HTML 9Page - Exar Corporation SP207E Datasheet HTML 10Page - Exar Corporation SP207E Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP207E_0_052
The Exar charge-pump generates V+ and V-
independently from V
CC. Hence in a no–load
condition V+ and V- will be symmetrical.
Older charge pump approaches generate
V+ and then use part of that stored charge
to generate V-. Because of inherent losses,
the magnitude of V- will be smaller than V+
on these older designs.
Underlightlyloadedconditionstheintelligent
pump oscillator maximizes efficiency by
running only as needed to maintain V+ and
V-. Since interface transceivers often spend
muchoftheirtimeatidle,thispower-efficient
innovation can greatly reduce total power
consumption. This improvement is made
possiblebytheindependentphasesequence
of the Exar charge-pump design.
The clock rate for the charge pump typically
operates at greater than 15kHz, allowing
thepumptorunefficientlywithsmall0.1µF
capacitors.Efficientoperationdependson
rapidly charging and discharging C
 and
C
2, therefore capacitors should be mounted
closetotheICandhavelowESR(equivalent
seriesresistance).Lowcostsurfacemount
ceramiccapacitors(suchasarewidelyused
forpower-supplydecoupling)areidealfor
use on the charge pump.
However the charge pumps are designed
to be able to function properly with a wide
range of capacitor styles and values. If
polarizedcapacitorsareused,thepositive
and negative terminals should be connected
as shown.
Figure 4. Charge Pump — Phase 4
VCC = +5V
+10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
–
–
–
–
+7V
Voltage potential across any of the capaci-
tors will never exceed 2 x V
CC. Therefore
capacitors with working v
oltages as low as
0V rating may be used with a nominal V
CC
supply. C
 will never see a potential greater
than V
CC , so a working voltage of 6.3V is
adequate. The reference terminal of the
V
DD capacitor may be connected either to
V
CC or ground, but if connected to ground a
minimum 6V working voltage is required.
Higherworkingvoltagesand/orcapacitance
values may be advised if operating at higher
V
CC or to provide greater stability as the
capacitors age.
+7V
a) C
2
+
gND
gND
b) C
2
–
–7V
Figure 5. Typical waveforms seen on ca-
pacitor C2 when all drivers are at maximum
load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com