Electronic Components Datasheet Search
  English  ▼

X  

DS1801 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1801
Description  Dual Audio Taper Potentiometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1801 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1801 Datasheet HTML 1Page - Dallas Semiconductor DS1801 Datasheet HTML 2Page - Dallas Semiconductor DS1801 Datasheet HTML 3Page - Dallas Semiconductor DS1801 Datasheet HTML 4Page - Dallas Semiconductor DS1801 Datasheet HTML 5Page - Dallas Semiconductor DS1801 Datasheet HTML 6Page - Dallas Semiconductor DS1801 Datasheet HTML 7Page - Dallas Semiconductor DS1801 Datasheet HTML 8Page - Dallas Semiconductor DS1801 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
030300
FEATURES
Ultra-low power consumption
Operates from 3V or 5V supplies
Two digitally controlled, 65-position
potentiometers including mute
Logarithmic resistive characteristics (1 dB
per step)
Zero-crossing detection eliminates noise
caused by wiper movement
Serial port provides means for setting and
reading both potentiometers wipers
14-pin PDIP, 16-pin SOIC, and 14-pin
TSSOP packages
Operating Temperature Range:
- Industrial: -40
°C to +85°C
Software mute
Resistance available: 45 k
Ω
PIN DESCRIPTION
L0, L1
- Low End of Resistor
H0, H1
- High End of Resistor
W0,W1
- Wiper End of Resistor
VCC
- 3V or 5V Power Supply Input
RST
- Serial Port Reset Input
D
- Serial Port Data Input
CLK
- Serial Port Clock Input
GND
- Digital Ground
AGND
- Analog Ground
ZCEN
- Zero-Crossing Detect Input
COUT
- Cascade Output
NC
- No Connect
PIN ASSIGNMENT
DESCRIPTION
The DS1801 is a dual audio taper potentiometer having logarithmic resistive characteristics over the
device range. Each potentiometer provides 65 wiper positions with a 1 dB increment per step and device
mute. The 3-wire serial interface, using a CPU, provides the user the ability of reading or writing exact
wiper positions of the two potentiometers. Additionally, the part contains a zero-crossing detection
feature that minimizes noise resulting from wiper transitions. Packages for the part include a 14-pin
PDIP, 16-pin SOIC, and 14-pin TSSOP.
DS1801
Dual Audio Taper Potentiometer
www.dalsemi.com
GND
1
14
VCC
COUT
2
13
CLK
RST
3
12
D
ZCEN
4
11
AGND
W0
5
10
H1
L0
6
9
L1
H0
7
8
W1
DS1801 14-Pin PDIP (300-mil)
DS1801 14-Pin TSSOP (173-mil)
GND
1
16
VCC
COUT
2
15
CLK
RST
3
14
D
ZCEN
4
13
NC
NC
5
12
AGND
W0
6
11
H1
L0
7
10
L1
H0
8
9
W1
DS1801S 16-PIN SOIC (300-mil)
See Mech. Drawings Section


Similar Part No. - DS1801

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
Dual Audio Taper Potentiometer
030300
More results

Similar Description - DS1801

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1802 DALLAS-DS1802 Datasheet
291Kb / 17P
Dual Audio Taper Potentiometer With Pushbutton Control
DS1807 DALLAS-DS1807 Datasheet
463Kb / 13P
Addressable Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
MAX5387 MAXIM-MAX5387 Datasheet
2Mb / 15P
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
Dual Audio Taper Potentiometer
030300
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
Addressable Dual Audio Taper Potentiometer
110499
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
Dual Audio Taper Potentiometer With Pushbutton Control
051401
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com