Electronic Components Datasheet Search
  English  ▼

X  

DS1801 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1801
Description  Dual Audio Taper Potentiometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1801 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1801 Datasheet HTML 1Page - Dallas Semiconductor DS1801 Datasheet HTML 2Page - Dallas Semiconductor DS1801 Datasheet HTML 3Page - Dallas Semiconductor DS1801 Datasheet HTML 4Page - Dallas Semiconductor DS1801 Datasheet HTML 5Page - Dallas Semiconductor DS1801 Datasheet HTML 6Page - Dallas Semiconductor DS1801 Datasheet HTML 7Page - Dallas Semiconductor DS1801 Datasheet HTML 8Page - Dallas Semiconductor DS1801 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DS1801
5 of 10
CASCADE OPERATION
A feature of the DS1801 is the ability to control multiple devices from a single processor. Multiple
DS1801s can be linked or daisy-chained as shown in Figure 4. As a data bit is entered into the I/O shift
register of the DS1801, bit 0 of the I/O shift register will appear at the COUT output after a maximum delay
of 50 nanoseconds.
The COUT output of the DS1801 can be used to drive the D input of another DS1801. When connecting
multiple devices, the total number of bits sent is always 16 times the number of DS1801s in the daisy
chain.
An optional feedback resistor can be placed between the C OUT terminal of the last device and the D input
of the first DS1801 thus allowing the controlling processor to read as well as write data or circularly
clock data through the daisy chain. The value of the feedback or isolation resistor should be in the range
from 2 to 10 kohms.
When reading data via the COUTpin and isolation resistor, the D line is left floating by the reading device.
When RST is driven high, bit 0 is present on the COUT pin, which is fed back to the input D pin through
the isolation resistor. When the CLK input transitions low to high, bit 0 is loaded into the first position of
the I/O shift register and bit 1 becomes present on COUT and D of the next device. After 16 bits (or 16
times the number of DS1801s in the daisy chain), the data has shifted completely around and back to its
original position. When RST transitions to the low state to end data transfer, the value (the same as before
the read occurred) is loaded into wiper-0 and wiper-1.
CASCADING MULTIPLE DEVICES Figure 4
Zero-Crossing Detection
The DS1801 provides a zero-crossing detection capability that minimizes any audible noise that may
result from sizable discrete wiper transitions when using the part in audio applications. The zero-crossing
detect feature allows independent wiper changes only when the two terminals of the potentiometer have
equal potentials and are within a 50 ms time window from the fall of the RST signal. If at 50 ms the
DS1801 has not detected a zero-crossing, the wiper position of the potentiometer(s) will change
regardless of the state of the input signal. Zero-crossing detection is activated when the ZCEN input level
is in a low-state. When high, the ZCEN input deactivates both the 50 ms time requirement and zero
detection crossing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com