Electronic Components Datasheet Search
  English  ▼

X  

DS1867 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1867
Description  Dual Digital Potentiometer with EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1867 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1867 Datasheet HTML 6Page - Dallas Semiconductor DS1867 Datasheet HTML 7Page - Dallas Semiconductor DS1867 Datasheet HTML 8Page - Dallas Semiconductor DS1867 Datasheet HTML 9Page - Dallas Semiconductor DS1867 Datasheet HTML 10Page - Dallas Semiconductor DS1867 Datasheet HTML 11Page - Dallas Semiconductor DS1867 Datasheet HTML 12Page - Dallas Semiconductor DS1867 Datasheet HTML 13Page - Dallas Semiconductor DS1867 Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DS1867
10 of 14
102199
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground (VB=GND)
-1.0V to +5.5V
Voltage on Resistor Pins when VB=-5.5V
-5.5V to +5.5V
Operating Temperature
-40° to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.5
5.5
V
Input Logic 1
VIH
2.0
VCC+0.5
V
1
Input Logic 0
VIL
-0.5
+0.8
V
1
Substrate Bias
VB
-5.5
GND
V
Resistor Inputs
L,H,W
VB
VCC+0.5
V
2
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC=5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
ICC
250
900
µA
Input Leakage
ILI
-1
+1
µA
Wiper Resistance
RW
400
1000
Ω
Wiper Current
IW
1
mA
Logic 1 Output @2.4Volts
IOH
-1.0
mA
8
Logic 0 Output @0.4Volts
IOL
4
mA
8
Standby Current
ISTBY
250
µA
Power-Down Time
tPU
tPU1
4
2.5
ms
ms
9
10
Power Trip Point
3.9
4.2
4.5
V
Recovery Time
tREC
2
5
10
ms
11,14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com