Electronic Components Datasheet Search
  English  ▼

X  

DS1867 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1867
Description  Dual Digital Potentiometer with EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1867 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1867 Datasheet HTML 6Page - Dallas Semiconductor DS1867 Datasheet HTML 7Page - Dallas Semiconductor DS1867 Datasheet HTML 8Page - Dallas Semiconductor DS1867 Datasheet HTML 9Page - Dallas Semiconductor DS1867 Datasheet HTML 10Page - Dallas Semiconductor DS1867 Datasheet HTML 11Page - Dallas Semiconductor DS1867 Datasheet HTML 12Page - Dallas Semiconductor DS1867 Datasheet HTML 13Page - Dallas Semiconductor DS1867 Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DS1867
11 of 14
102199
ANALOG RESISTOR CHARACTERISTICS
(-40
°C to +85°C;V
CC= 5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
End-to-End Resistor Tolerance
-20
+20
%
17
Absolute Linearity
±0.75
LSB
4
Relative Linearity
±0.30
LSB
5
-3 dB Cutoff Frequency
fCUTOFF
Hz
7
Noise Figure
120
dB/(Hz)1/2
Temperature Coefficient
750
ppm/
°C
CAPACITANCE
(TA = 25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
3
Output Capacitance
COUT
7
pF
3
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC= 5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CLK Frequency
fCLK
DC
10
MHz
15
Width of CLK Pulse
tCH
50
ns
15
Data Setup Time
tDC
30
ns
15
Data Hold Time
tCDH
10
ns
15
Propagation Delay Time
Low to High Level
Clock to Output
tPLH
70
ns
13,15
Propagation Delay Time
High to Low Level
Clock to Output
tPHL
70
ns
13,15
RST
High to Clock Input High
tCC
50
ns
15
RST
Low to Clock Input High
tHLT
50
ns
15
CLK Rise Time
tCR
50
ns
15
RST
Inactive
tRLT
200
ns
15
NONVOLATILE MEMORY CHARACTERISTICS
(-40
°C to +85°C; V
CC= 5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Writes
25000
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com