Electronic Components Datasheet Search
  English  ▼

X  

DS1867 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS1867
Description  Dual Digital Potentiometer with EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1867 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS1867 Datasheet HTML 6Page - Dallas Semiconductor DS1867 Datasheet HTML 7Page - Dallas Semiconductor DS1867 Datasheet HTML 8Page - Dallas Semiconductor DS1867 Datasheet HTML 9Page - Dallas Semiconductor DS1867 Datasheet HTML 10Page - Dallas Semiconductor DS1867 Datasheet HTML 11Page - Dallas Semiconductor DS1867 Datasheet HTML 12Page - Dallas Semiconductor DS1867 Datasheet HTML 13Page - Dallas Semiconductor DS1867 Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
DS1867
12 of 14
102199
NOTES:
1. All voltages are referenced to ground.
2. Resistor inputs cannot exceed the substrate bias voltage, VB, in the negative direction.
3. Capacitance values apply at 25
°C.
4. Absolute linearity is used to determine wiper voltage versus expected voltage as determined by wiper
position. Test limits for absolute linearity are
±1.6 LSB.
5. Relative linearity is used to determine the change in voltage between successive tap positions. Test
limits for relative linearity are
±0.5 LSB.
6. Typical values are for tA =25
°C and nominal supply voltage.
7. -3 dB cutoff frequency characteristics for the DS1867 depend on potentiometer total resistance:
DS1867-010; 1 MHz, DS1867-050; 200 kHz, DS1867-100; 100 kHz.
8. COUT is active regardless of the state of RST .
9. Power-down time is specified at a minimum of 4 ms. It is the time required for the DS1867 to
guarantee wiper position storage as VCC moves from 4.5V to 3.0V.
10. This is the time from power trip-point min (3.9V) to 3.0V to guarantee wiper storage.
11. tREC is the time required before the DS1867 stored wiper position becomes valid on power-up.
12. Power trip points reference required voltage necessary for DS1867 to restore the stored wiper position
setting.
13. See Figure 11.
14. During power-up the wiper position will be set at 80H.
15. See Figure 2.
16. A device write is specified as being a controlled power-down providing enough time to complete an
EEPROM write. It is also defined as a complete bit change from one value to another, i.e., 0 to 1.
Power-downs which do not change the wiper value can be expected have 200,000-write durability.
17. Valid at 25
°C only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com