Electronic Components Datasheet Search
  English  ▼

X  

DS1869 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1869
Description  3V Dallastat Electronic Digital Rheostat
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1869 Datasheet(HTML) 7 Page - Dallas Semiconductor

  DS1869 Datasheet HTML 1Page - Dallas Semiconductor DS1869 Datasheet HTML 2Page - Dallas Semiconductor DS1869 Datasheet HTML 3Page - Dallas Semiconductor DS1869 Datasheet HTML 4Page - Dallas Semiconductor DS1869 Datasheet HTML 5Page - Dallas Semiconductor DS1869 Datasheet HTML 6Page - Dallas Semiconductor DS1869 Datasheet HTML 7Page - Dallas Semiconductor DS1869 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DS1869
7 of 8
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to -V
-V -0.5V +8.0V
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
+ Supply Voltage
+V
-V + 2.7
-V + 8.0
V
- Supply Voltage
-V
+V - 8.0
+V - 2.7
V
Resistor Inputs
RH,RW,RL
-V - 0.5
+V + 0.5
V
Logic Input 1
VIH
+2.4
V
1, 2, 10
Logic Input 0
VIL
+0.8
V
1, 2, 10
Wiper Current
IW
1mA
5
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; -V to +V = 2.7V to 8.0V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
End to End Resistor Tolerance
-20
20
%
11
+, - Supply Current
ICC1
12
mA
3
Supply Current, Idle State
At 3.3V
At 8.0V
ICC2
2
10
µA
9
Wiper Resistance
RW
400
1000
Ω
Temperature Coefficient
750
ppm/
°C
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; -V to +V = 2.7V to 8.0V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Pulse Width (D-input)
tPW
1DC
µs
1, 7, 8
Contact Pulse Width
(UC, DC inputs)
tCPW
1
DC
ms
1, 7, 8
Capacitance
CIN
510
pF
6
Repetitive Input Pulse High Time
tHPW
1
DC
ms
1, 7, 8
Continuous Input Pulse
tCCP
1
DC
s
1, 7, 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com