Electronic Components Datasheet Search
  English  ▼

X  

DS1869 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1869
Description  3V Dallastat Electronic Digital Rheostat
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1869 Datasheet(HTML) 8 Page - Dallas Semiconductor

  DS1869 Datasheet HTML 1Page - Dallas Semiconductor DS1869 Datasheet HTML 2Page - Dallas Semiconductor DS1869 Datasheet HTML 3Page - Dallas Semiconductor DS1869 Datasheet HTML 4Page - Dallas Semiconductor DS1869 Datasheet HTML 5Page - Dallas Semiconductor DS1869 Datasheet HTML 6Page - Dallas Semiconductor DS1869 Datasheet HTML 7Page - Dallas Semiconductor DS1869 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DS1869
8 of 8
TIMING DIAGRAMS Figure 5
NOTES:
1. All inputs; UC, DC, and D are internally pulled up with a typical resistance of 100 k
Ω.
2. Input logic levels are referenced to -V.
3. ICC is the internal current that flows between -V and +V.
4. Input leakage applies to contact inputs UC and DC and the digital input (D).
5. Wiper current is the maximum current which can flow through the wipers.
6. Capacitance values apply at 25
°C.
7. Input pulse width is the minimum time required for an input to cause an increment or decrement. If
the UC, DC, or D input is held active for longer than 1 second, subsequent increments or decrements
will occur on 100 ms intervals until the inputs UC, DC, and/or D is released to VIH.
8. Repetitive pulsed inputs on UC, DC, or D will be recognized as long as the pulse repetition occurs
within 1 second of each other. Pulses occurring faster than 1 ms apart may not be recognized as
individual inputs but can be interpreted a constant input. Tolerance for pulse timing is
±15% on
minimum inputs.
9. Idle state supply current is measured with no pushbutton pressed and with the wiper RW tied to a
CMOS load.
10. For +V referenced to -V = 5V.
11. Valid at 25
°C only.
tCPW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com