Electronic Components Datasheet Search
  English  ▼

X  

DS1869 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1869
Description  3V Dallastat Electronic Digital Rheostat
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1869 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1869 Datasheet HTML 1Page - Dallas Semiconductor DS1869 Datasheet HTML 2Page - Dallas Semiconductor DS1869 Datasheet HTML 3Page - Dallas Semiconductor DS1869 Datasheet HTML 4Page - Dallas Semiconductor DS1869 Datasheet HTML 5Page - Dallas Semiconductor DS1869 Datasheet HTML 6Page - Dallas Semiconductor DS1869 Datasheet HTML 7Page - Dallas Semiconductor DS1869 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS1869
3 of 8
In dual pushbutton mode, each direction is controlled by the up contact (UC) and down contact (DC)
inputs, respectively. No wait states are required to change wiper direction in dual pushbutton mode. In
dual pushbutton mode, as the wiper position reaches the end of the potentiometer, the direction of wiper
movement will not change. Wiper position will remain at the potentiometers’ end until an opposite
direction input is given.
All contact closure control inputs, UC, DC, and D, are internally pulled-up by a 100 k
Ω=resistance. The
UC and DC inputs are internally debounced and require no external components for input signal
conditioning.
DS1869 SINGLE PUSHBUTTON CONFIGURATION
(TYPICAL EXAMPLE) Figure 1
DS1869 DUAL PUSHBUTTON CONFIGURATION
(TYPICAL EXAMPLE) Figure 2A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com