Electronic Components Datasheet Search
  English  ▼

X  

DS18B20 Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS18B20
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20 Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS18B20 Datasheet HTML 19Page - Dallas Semiconductor DS18B20 Datasheet HTML 20Page - Dallas Semiconductor DS18B20 Datasheet HTML 21Page - Dallas Semiconductor DS18B20 Datasheet HTML 22Page - Dallas Semiconductor DS18B20 Datasheet HTML 23Page - Dallas Semiconductor DS18B20 Datasheet HTML 24Page - Dallas Semiconductor DS18B20 Datasheet HTML 25Page - Dallas Semiconductor DS18B20 Datasheet HTML 26Page - Dallas Semiconductor DS18B20 Datasheet HTML 27Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
DS18B20
24 of 27
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +6.0V
Operating Temperature
-55
°C to +125°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
See J-STD-020A specification
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
Local Power
3.0
5.5
V
1
Data Pin
DQ
-0.3
+5.5
V
1
Logic 1
VIH
2.2
VCC+
0.3
V
1,2
Logic 0
VIL
-0.3
+0.8
V
1,3,7
DC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD=3.0V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Thermometer Error
tERR
-10°C to +85°C
±½
°C
-55°C to +125°C
±2
Input Logic High
VIH
Local Power
Parasite Power
2.2
3.0
5.5
V
V
1,2
1,2
Input Logic Low
VIL
-0.3
+0.8
V
1,3,7
Sink Current
IL
VI/O=0.4V
-4.0
mA
1
Standby Current
IDDS
750
1000
nA
6,8
Active Current
IDD
1
1.5
mA
4
DQ-Input Load
Current
IDQ
5µA
5
AC ELECTRICAL CHARACTERISTICS: NV MEMORY
(-55°C to +125°C; VDD=3.0V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
NV Write Cycle
Time
twr
210
ms
EEPROM Writes
NEEWR
-55°C to +55°C
50k
writes
EEPROM Data
Retention
tEEDR
-55°C to +55°C
10
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com