Electronic Components Datasheet Search
  English  ▼

X  

DS18B20 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS18B20
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS18B20 Datasheet HTML 1Page - Dallas Semiconductor DS18B20 Datasheet HTML 2Page - Dallas Semiconductor DS18B20 Datasheet HTML 3Page - Dallas Semiconductor DS18B20 Datasheet HTML 4Page - Dallas Semiconductor DS18B20 Datasheet HTML 5Page - Dallas Semiconductor DS18B20 Datasheet HTML 6Page - Dallas Semiconductor DS18B20 Datasheet HTML 7Page - Dallas Semiconductor DS18B20 Datasheet HTML 8Page - Dallas Semiconductor DS18B20 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
DS18B20
4 of 27
For situations where the bus master does not know whether the DS18B20s on the bus are parasite
powered or supplied with external VDD, a provision is made in the DS18B20 to signal the power supply
scheme used. The bus master can determine if any DS18B20s are on the bus which require the strong
pullup by sending a Skip ROM protocol, then issuing the read power supply command.
After this
command is issued, the master then issues read time slots. The DS18B20 will send back “0” on the
1-Wire bus if it is parasite powered; it will send back a “1” if it is powered from the VDD pin. If the
master receives a “0,” it knows that it must supply the strong pullup on the DQ line during temperature
conversions. See “Memory Command Functions” section for more detail on this command protocol.
STRONG PULLUP FOR SUPPLYING DS18B20 DURING TEMPERATURE
CONVERSION Figure 2
USING VDD TO SUPPLY TEMPERATURE CONVERSION CURRENT Figure 3
µP
+3V - +5.5V
+3V - +5.5V
DS18B20
GND
VDD
I/O
4.7k
µP
DS18B20
VDD
I/O
+3V - +5.5V
4.7k
EXTERNAL
+3V - +5.5V
SUPPLY
TO OTHER
1-WIRE
DEVICES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com