Electronic Components Datasheet Search
  English  ▼

X  

DS18B20 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS18B20
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS18B20 Datasheet HTML 1Page - Dallas Semiconductor DS18B20 Datasheet HTML 2Page - Dallas Semiconductor DS18B20 Datasheet HTML 3Page - Dallas Semiconductor DS18B20 Datasheet HTML 4Page - Dallas Semiconductor DS18B20 Datasheet HTML 5Page - Dallas Semiconductor DS18B20 Datasheet HTML 6Page - Dallas Semiconductor DS18B20 Datasheet HTML 7Page - Dallas Semiconductor DS18B20 Datasheet HTML 8Page - Dallas Semiconductor DS18B20 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DS18B20
5 of 27
OPERATION - MEASURING TEMPERATURE
The core functionality of the DS18B20 is its direct-to-digital temperature sensor. The resolution of the
DS18B20 is configurable (9, 10, 11, or 12 bits), with 12-bit readings the factory default state. This
equates to a temperature resolution of 0.5
°C, 0.25°C, 0.125°C, or 0.0625°C. Following the issuance of
the Convert T [44h] command, a temperature conversion is performed and the thermal data is stored in
the scratchpad memory in a 16-bit, sign-extended two’s complement format.
The temperature
information can be retrieved over the 1-Wire interface by issuing a Read Scratchpad [BEh] command
once the conversion has been performed. The data is transferred over the 1-Wire bus, LSB first. The
MSB of the temperature register contains the “sign” (S) bit, denoting whether the temperature is positive
or negative.
Table 2 describes the exact relationship of output data to measured temperature. The table assumes 12-bit
resolution. If the DS18B20 is configured for a lower resolution, insignificant bits will contain zeros. For
Fahrenheit usage, a lookup table or conversion routine must be used.
Temperature/Data Relationships Table 2
2
3
2
2
2
1
2
0
2
-1
2
-2
2
-3
2
-4
LSB
MSb
(unit =
°C)
LSb
SS
S
S
S
2
6
2
5
2
4
MSB
TEMPERATURE
DIGITAL OUTPUT
(Binary)
DIGITAL
OUTPUT
(Hex)
+125°C
0000 0111 1101 0000
07D0h
+85°C
0000 0101 0101 0000
0550h*
+25.0625°C
0000 0001 1001 0001
0191h
+10.125°C
0000 0000 1010 0010
00A2h
+0.5°C
0000 0000 0000 1000
0008h
0°C
0000 0000 0000 0000
0000h
-0.5°C
1111 1111 1111 1000
FFF8h
-10.125°C
1111 1111 0101 1110
FF5Eh
-25.0625°C
1111 1110 0110 1111
FF6Fh
-55°C
1111 1100 1001 0000
FC90h
*The power on reset register value is +85°C.
OPERATION - ALARM SIGNALING
After the DS18B20 has performed a temperature conversion, the temperature value is compared to the
trigger values stored in TH and TL.
Since these registers are 8-bit only, bits 9-12 are ignored for
comparison. The most significant bit of TH or TL directly corresponds to the sign bit of the 16-bit
temperature register. If the result of a temperature measurement is higher than TH or lower than TL, an
alarm flag inside the device is set. This flag is updated with every temperature measurement. As long as
the alarm flag is set, the DS18B20 will respond to the alarm search command.
This allows many
DS18B20s to be connected in parallel doing simultaneous temperature measurements. If somewhere the
temperature exceeds the limits, the alarming device(s) can be identified and read immediately without
having to read non-alarming devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com