Electronic Components Datasheet Search
  English  ▼

X  

18B20 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # 18B20
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

18B20 Datasheet(HTML) 1 Page - Dallas Semiconductor

  18B20 Datasheet HTML 1Page - Dallas Semiconductor 18B20 Datasheet HTML 2Page - Dallas Semiconductor 18B20 Datasheet HTML 3Page - Dallas Semiconductor 18B20 Datasheet HTML 4Page - Dallas Semiconductor 18B20 Datasheet HTML 5Page - Dallas Semiconductor 18B20 Datasheet HTML 6Page - Dallas Semiconductor 18B20 Datasheet HTML 7Page - Dallas Semiconductor 18B20 Datasheet HTML 8Page - Dallas Semiconductor 18B20 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1 of 27
050400
FEATURES
Unique 1-Wire interface requires only one
port pin for communication
Multidrop capability simplifies distributed
temperature sensing applications
Requires no external components
Can be powered from data line. Power supply
range is 3.0V to 5.5V
Zero standby power required
Measures temperatures from -55°C to
+125°C. Fahrenheit equivalent is -67°F to
+257°F
±0.5°C accuracy from -10°C to +85°C
Thermometer resolution is programmable
from 9 to 12 bits
Converts 12-bit temperature to digital word in
750 ms (max.)
User-definable, nonvolatile temperature alarm
settings
Alarm search command identifies and
addresses devices whose temperature is
outside of programmed limits (temperature
alarm condition)
Applications include thermostatic controls,
industrial systems, consumer products,
thermometers, or any thermally sensitive
system
PIN ASSIGNMENT
PIN DESCRIPTION
GND - Ground
DQ
- Data In/Out
VDD
- Power Supply Voltage
NC
- No Connect
DESCRIPTION
The DS18B20 Digital Thermometer provides 9 to 12-bit (configurable) temperature readings which
indicate the temperature of the device.
Information is sent to/from the DS18B20 over a 1-Wire interface, so that only one wire (and ground)
needs to be connected from a central microprocessor to a DS18B20. Power for reading, writing, and
performing temperature conversions can be derived from the data line itself with no need for an external
power source.
Because each DS18B20 contains a unique silicon serial number, multiple DS18B20s can exist on the
same 1-Wire bus. This allows for placing temperature sensors in many different places. Applications
where this feature is useful include HVAC environmental controls, sensing temperatures inside buildings,
equipment or machinery, and process monitoring and control.
DS18B20
Programmable Resolution
1-Wire
® Digital Thermometer
www.dalsemi.com
PRELIMINARY
DALLAS
DS1820
1 2 3
1 2 3
BOTTOM VIEW
DS18B20 To-92
Package
1
2
3
4
8
7
6
5
NC
NC
NC
GND
NC
NC
VDD
DQ
DS18B20Z
8-Pin SOIC (150 mil)


Similar Part No. - 18B20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
18B20 DALLAS-18B20 Datasheet
223Kb / 21P
Programmable Resolution 1-Wire Digital Thermometer
18B20 DALLAS-18B20 Datasheet
183Kb / 22P
Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
18B20 MAXIM-18B20 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
More results

Similar Description - 18B20

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
Econo 1-Wire Digital Thermometer
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
Flipchip 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1825 MAXIM-DS1825 Datasheet
286Kb / 21P
Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Rev 020105
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20_07 Datasheet
223Kb / 21P
Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20_08 Datasheet
183Kb / 22P
Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
Programmable Resolution 1-Wire Digital Thermometer
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com