Electronic Components Datasheet Search
  English  ▼

X  

DS2108 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2108
Description  Differential SCSI Switchable Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2108 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2108 Datasheet HTML 1Page - Dallas Semiconductor DS2108 Datasheet HTML 2Page - Dallas Semiconductor DS2108 Datasheet HTML 3Page - Dallas Semiconductor DS2108 Datasheet HTML 4Page - Dallas Semiconductor DS2108 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 of 5
112099
FEATURES
Fully compliant with SCSI, SCSI-2 and SCSI-
3 standards
Conforms to EIA RS-485 standard
Provides differential termination for 9 pairs of
signal lines
Operates with SCSI signal voltages of -7 to
+12 Volts
Laser-trimmed 330 and 150-ohm termination
resistors have ±5% tolerance over full
temperature range
Switchable power-down mode
Low power down capacitance of 6 pF
24-pin plastic SOIC (DS2108S)
PIN ASSIGNMENT
DESCRIPTION
The DS2108 SCSI Terminator has been specifically designed for High Voltage Differential (HVD) SCSI
systems requiring switchable termination. The DS2108 integrates eighteen 330-ohm and nine 150-ohm
precise switched termination resistors into a monolithic IC. The surface mount SOIC package saves board
space over conventional resistor SIPs. The termination resistors can be isolated from the SCSI bus under
software or hardware control. While in the powered down mode, the DS2108 isolates the nine terminator
blocks from the bus while adding only 6 pF capacitance to each signal line of the SCSI bus.
FUNCTIONAL DESCRIPTION
The DS2108 consists of power-down circuitry, eighteen 330-ohm and nine 150-ohm termination resistors
(Figure 1). The DS2108 can be removed from the circuit by bringing the power down pin (PD) low. The
power down capacitance on the terminating resistors is 6 pF, well below the SCSI-3 allotment of 25 pF.
The DS2108 supports SCSI signal voltages of -7 to +12 volts when powered on or off. When all lines
settle into the quiescent state (no signal transitions), 56 mA is typically consumed.
Only 1 mA is
typically consumed in the powered down mode.
DS2108
Differential SCSI Switchable Terminator
www.dalsemi.com
1
2
3
4
5
6
7
8
9
10
11
12
21
24
23
22
20
19
18
17
16
15
14
13
PD
GND
R1P
R3P
R4P
R5P
R6P
R7P
R8P
R9P
GND
R2P
TPWR
R1N
R2N
R4N
R5N
R6N
R7N
R8N
R9N
TPWR
NC
R3N
DS2108S 24-Pin SOIC (300-mil)


Similar Part No. - DS2108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2108 MAXIM-DS2108 Datasheet
73Kb / 5P
Differential SCSI Switchable Terminator
112099
More results

Similar Description - DS2108

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21T05 DALLAS-DS21T05 Datasheet
99Kb / 7P
SCSI Terminator
DS2114 DALLAS-DS2114 Datasheet
71Kb / 6P
SCSI Terminator
logo
Motorola, Inc
MCCS142233 MOTOROLA-MCCS142233 Datasheet
592Kb / 10P
9-Bit Switchable SCSI Passive Bus Terminator
logo
ON Semiconductor
MCCS142236 ONSEMI-MCCS142236 Datasheet
159Kb / 5P
18-Bit Switchable Active SCSI-2 Bus Terminator
February, 2010 ??Rev. 6
MCCS142238 ONSEMI-MCCS142238 Datasheet
89Kb / 5P
18-Bit Switchable Active SCSI-2 Bus Terminator
1997 REV 2
logo
Texas Instruments
UC5612 TI1-UC5612_13 Datasheet
320Kb / 10P
LOW VOLTAGE DIFFERENTIAL SCSI 9LINE TERMINATOR
logo
Maxim Integrated Produc...
DS21T07 MAXIM-DS21T07 Datasheet
107Kb / 7P
SCSI Terminator
112099
DS21T05 MAXIM-DS21T05 Datasheet
104Kb / 7P
SCSI Terminator
112099
DS2114 MAXIM-DS2114 Datasheet
76Kb / 6P
SCSI Terminator
070198
DS2108 MAXIM-DS2108 Datasheet
73Kb / 5P
Differential SCSI Switchable Terminator
112099
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com