Electronic Components Datasheet Search
  English  ▼

X  

DS2108 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2108
Description  Differential SCSI Switchable Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2108 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2108 Datasheet HTML 1Page - Dallas Semiconductor DS2108 Datasheet HTML 2Page - Dallas Semiconductor DS2108 Datasheet HTML 3Page - Dallas Semiconductor DS2108 Datasheet HTML 4Page - Dallas Semiconductor DS2108 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DS2108
5 of 5
24-PIN SOIC (300-MIL)
The chamfer on the body is optional. If it is not present, a terminal 1 identifier must be positioned so that
½ or more of its area is contained in the hatched zone.
PKG
24-PIN
DIM
MIN
MAX
A IN.
MM
0.094
2.38
0.105
2.68
A1 IN.
MM
0.004
0.102
0.012
0.30
A2 IN.
MM
0.089
2.26
0.095
2.41
b IN.
MM
0.013
0.33
0.020
0.51
C IN.
MM
0.009
0.229
0.013
0.33
D IN.
MM
0.598
15.19
0.612
15.54
e IN.
MM
0.050 BSC
1.27 BSC
E1 IN.
MM
0.290
7.37
0.300
7.62
H IN.
MM
0.398
10.11
0.416
10.57
L IN.
MM
0.016
0.40
0.040
1.02
Θ
Θ
Θ
Θ
0°
8°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com