Electronic Components Datasheet Search
  English  ▼

X  

DS2108 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS2108
Description  Differential SCSI Switchable Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2108 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS2108 Datasheet HTML 1Page - Dallas Semiconductor DS2108 Datasheet HTML 2Page - Dallas Semiconductor DS2108 Datasheet HTML 3Page - Dallas Semiconductor DS2108 Datasheet HTML 4Page - Dallas Semiconductor DS2108 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS2108
3 of 5
TYPICAL DIFFERENTIAL SCSI BUS CONFIGURATION Figure 2
NOTES:
1. Two DS2108s required per 8–bit SCSI device and three DS2108s per 16–bit SCSI device.
2. Mid–bus termination effectively removed by grounding PD pin.
3. Termination power to be provided as specified in SCSI–3 Parallel Interface (SPI) document.
4. Local TERMPWR bypassing is recommended by the SPI document with values shown. The bypass
capacitors should be located as close as possible to the DS2108s. Only one pair of capacitors is
required per SCSI device (may be shared between DS2108s on same device).
PIN DESCRIPTION Table 1
PIN
SYMBOL
DESCRIPTION
1, 11
TPWR
Termination Power. Should be connected to the SCSI TERMPWR line.
Bypass with a 2.2 µF cap in parallel with a 0.1 µF cap as shown in Figure
2.
2, 3, 4, 5, 6,
7, 8, 9, 10
R1N…R9N
Signal Termination Negative. Connect to –SIGNAL of SCSI bus.
12
NC
No Connect. Do not connect any signal to this pin.
13, 23
GND
Ground. Signal ground; 0.0V.
14, 15, 16,
17, 18, 19,
20, 21, 22
R1P…R9P
Signal Termination Positive. Connect to +SIGNAL of SCSI bus.
24
PD
Power Down. When tied low, the DS2108 enters a power-down mode.
Contains an internal 50K pull-up. Strap low to deactivate the DS2108,
leave open circuited to activate the DS2108.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com