Electronic Components Datasheet Search
  English  ▼

X  

DS21348 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS21348
Description  3.3V E1/T1/J1 Line Interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21348 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS21348 Datasheet HTML 9Page - Dallas Semiconductor DS21348 Datasheet HTML 10Page - Dallas Semiconductor DS21348 Datasheet HTML 11Page - Dallas Semiconductor DS21348 Datasheet HTML 12Page - Dallas Semiconductor DS21348 Datasheet HTML 13Page - Dallas Semiconductor DS21348 Datasheet HTML 14Page - Dallas Semiconductor DS21348 Datasheet HTML 15Page - Dallas Semiconductor DS21348 Datasheet HTML 16Page - Dallas Semiconductor DS21348 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
DS21348/Q348
13 of 73
ACRONYM
PIN
I/O
DESCRIPTION
WR*
(R/W*)
3I
Write Input (Read/Write). WR* is an active low signal. See the
Bus Timing Diagrams in section 12.
PIN ASSIGNMENT IN SERIAL PORT MODE Table 4-3a
DS21348T
PIN #
DS21348G
PIN#
I/O
Serial
Port Mode
1C3
I
CS*
2C2
I
NA
3B1
I
NA
4D2
I
NA
5C1
I
SCLK
6D3
I
SDI
7D1
I/O
SDO
8E1
I
ICES
9F2
I
OCES
10
F1
I
NA
11
G1
I
NA
12
E3
I/O
NA
13
F3
I/O
NA
14
G2
I/O
NA
15
F4
I/O
NA
16
G3
I/O
NA
17
E4
I/O
NA
18
G4
I/O
NA
19
F5
I/O
NA
20
G5
I
VSM
21
F6
-
VDD
22
G6
-
VSS
23
E5
I/O
INT*
24
E6
O
PBEO
25
F7
O
RCL/LOTC
26
D6
I
TEST
27
D5
I
RTIP
28
D7
I
RRING
29
C6
I
HRST*
30
C7
I
MCLK
31
B6
O
BPCLK
32
B7
I
BIS0
33
A7
I
BIS1
34
C5
O
TTIP
35
B5
-
VSS
36
A6
-
VDD
37
B4
O
TRING
38
C4
O
RPOS
39
A4
O
RNEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com