Electronic Components Datasheet Search
  English  ▼

X  

DS21348 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS21348
Description  3.3V E1/T1/J1 Line Interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21348 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS21348 Datasheet HTML 1Page - Dallas Semiconductor DS21348 Datasheet HTML 2Page - Dallas Semiconductor DS21348 Datasheet HTML 3Page - Dallas Semiconductor DS21348 Datasheet HTML 4Page - Dallas Semiconductor DS21348 Datasheet HTML 5Page - Dallas Semiconductor DS21348 Datasheet HTML 6Page - Dallas Semiconductor DS21348 Datasheet HTML 7Page - Dallas Semiconductor DS21348 Datasheet HTML 8Page - Dallas Semiconductor DS21348 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
DS21348/Q348
2 of 73
DESCRIPTION
The DS21348 is a complete selectable E1 or T1 LIU for short-haul and long-haul applications.
Throughout the data sheet, J1 is represented wherever T1 exists. Receive sensitivity adjusts automatically
to the incoming signal and can be programmed for 0dB to 12 dB or 0dB to 43dB for E1 applications and
0dB to 30dB or 0dB to 36dB for T1 applications. The device can generate the necessary G.703 E1
waveshapes in 75Ω or 120Ω applications and DSX-1 line build outs or CSU line build outs of 0dB,
-7.5dB, -15dB, and -22.5dB for T1 applications. The crystal-less onboard jitter attenuator requires only a
2.048MHz MCLK for both E1 and T1 applications (with the option of using a 1.544MHz MCLK in T1
applications). The jitter attenuator FIFO is selectable to either 32 bits or 128 bits in depth and can be
placed in either the transmit or receive data paths. An X 2.048MHz output clock synthesized to RCLK is
available for use as a backplane system clock (where n = 1, 2, 4, or 8). The DS21348 has diagnostic
capabilities such as loopbacks and PRBS pattern generation/detection. 16-bit loop-up and loop-down
codes can be generated and detected. The device can be controlled via an 8-bit parallel muxed or
nonmuxed port, serial port, or used in hardware mode. The device fully meets all of the latest E1 and T1
specifications including ANSI T1.403-1999, ANSI T1.408, AT&T TR 62411, ITU G.703, G.704, G.706,
G.736, G.775, G.823, I.431, O.151, O.161, ETSI ETS 300 166, JTG.703, JTI.431, JJ-20.1, TBR12,
TBR13, and CTR4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com