Electronic Components Datasheet Search
  English  ▼

X  

DS21348 Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS21348
Description  3.3V E1/T1/J1 Line Interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21348 Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS21348 Datasheet HTML 35Page - Dallas Semiconductor DS21348 Datasheet HTML 36Page - Dallas Semiconductor DS21348 Datasheet HTML 37Page - Dallas Semiconductor DS21348 Datasheet HTML 38Page - Dallas Semiconductor DS21348 Datasheet HTML 39Page - Dallas Semiconductor DS21348 Datasheet HTML 40Page - Dallas Semiconductor DS21348 Datasheet HTML 41Page - Dallas Semiconductor DS21348 Datasheet HTML 42Page - Dallas Semiconductor DS21348 Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
DS21348/Q348
39 of 73
8. DIAGNOSTICS
8.1
In-Band Loop Code Generation and Detection
The DS21348 has the ability to generate and detect a repeating bit pattern that is from one to eight or
sixteen bits in length. To transmit a pattern, the user will load the pattern to be sent into the Transmit
Code Definition (TCD1 and TCD2) registers and select the proper length of the pattern by setting the
TC0 and TC1 bits in the In-Band Code Control (IBCC) register. When generating a 1, 2, 4, 8, or 16 bit
pattern both the transmit code registers (TCD1 and TCD2) must be filled with the proper code.
Generation of a 1, 3, 5, or 7-bit pattern only requires TCD1 to be filled. Once this is accomplished, the
pattern will be transmitted as long as the TLCE control bit (CCR3.3) is enabled. As an example, if the
user wished to transmit the standard “loop up” code for Channel Service Units which is a repeating
pattern of ...10000100001... then 80h would be loaded into TCD1 and the length would set using TC1 and
TC0 in the IBCC register to 5 bits.
The DS21348 can detect two separate repeating patterns to allow for both a “loop up” code and a “loop
down” code to be detected. The user will program the codes to be detected in the Receive Up Code
Definition (RUPCD1 and RUPCD2) registers and the Receive Down Code Definition (RDNCD1 and
RDNCD2) registers and the length of each pattern will be selected via the IBCC register. The DS21348
will detect repeating pattern codes with bit error rates as high as 1x10-2. The code detector has a nominal
integration period of 48ms, hence, after about 48ms of receiving either code, the proper status bit (LUP at
SR.7 and LDN at SR.6) will be set to a one. Normally codes are sent for a period of 5 seconds. It is
recommended that the software poll the DS21348 every 100ms to 1000ms until 5 seconds has elapsed to
insure that the code is continuously present.
IBCC (0AH): IN-BAND CODE CONTROL REGISTER
(MSB)
(LSB)
TC1
TC0
RUP2
RUP1
RUP0
RDN2
RDN1
RDN0
SYMBOL
POSITION
DESCRIPTION
TC1
IBCC.7
Transmit Code Length Definition Bit 1. See Table 8-1
TC0
IBCC.6
Transmit Code Length Definition Bit 0. See Table 8-1
RUP2
IBCC.5
Receive Up Code Length Definition Bit 2. See Table 8-2
RUP1
IBCC.4
Receive Up Code Length Definition Bit 1. See Table 8-2
RUP0
IBCC.3
Receive Up Code Length Definition Bit 0. See Table 8-2
RDN2
IBCC.2
Receive Down Code Length Definition Bit 2. See Table 8-2
RDN1
IBCC.1
Receive Down Code Length Definition Bit 1. See Table 8-2
RDN0
IBCC.0
Receive Down Code Length Definition Bit 0. See Table 8-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com