Electronic Components Datasheet Search
  English  ▼

X  

DS2152LN Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS2152LN
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152LN Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS2152LN Datasheet HTML 10Page - Dallas Semiconductor DS2152LN Datasheet HTML 11Page - Dallas Semiconductor DS2152LN Datasheet HTML 12Page - Dallas Semiconductor DS2152LN Datasheet HTML 13Page - Dallas Semiconductor DS2152LN Datasheet HTML 14Page - Dallas Semiconductor DS2152LN Datasheet HTML 15Page - Dallas Semiconductor DS2152LN Datasheet HTML 16Page - Dallas Semiconductor DS2152LN Datasheet HTML 17Page - Dallas Semiconductor DS2152LN Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
DS2152
14 of 93
ADDRESS
R/W
REGISTER NAME
REGISTER ABBREVIATION
05
R
Receive FDL FIFO
RFFR
06
R/W
Transmit Performance Report Message
TPRM
07
R/W
Transmit Bit Oriented Code
TBOC
08
W
Transmit FDL FIFO
TFFR
09
R/W
Test 2
TEST2 (set to 00h)
0A
R/W
Common Control 7
CCR7
0B
-
not present
-
0C
-
not present
-
0D
-
not present
-
0E
-
not present
-
0F
R
Deceive ID
IDR
10
R/W
Receive Information 3
RIR3
11
R/W
Common Control 4
CCR4
12
R/W
In-Band Code Control
IBCC
13
R/W
Transmit Code Definition
TCD
14
R/W
Receive Up Code Definition
RUPCD
15
R/W
Receive Down Code Definition
RDNCD
16
R/W
Transmit Channel Control 1
TCC1
17
R/W
Transmit Channel Control 2
TCC2
18
R/W
Transmit Channel Control 3
TCC3
19
R/W
Common Control 5
CCR5
1A
R
Transmit DS0 Monitor
TDS0M
1B
R/W
Receive Channel Control 1
RCC1
1C
R/W
Receive Channel Control 2
RCC2
1D
R/W
Receive Channel Control 3
RCC3
1E
R/W
Common Control 6
CCR6
1F
R
Receive DS0 Monitor
RDS0M
20
R/W
Status 1
SR1
21
R/W
Status 2
SR2
22
R/W
Receive Information 1
RIR1
23
R
Line Code Violation Count 1
LCVCR1
24
R
Line Code Violation Count 2
LCVCR2
25
R
Path Code Violation Count 1
PCVCR1
26
R
Path Code Violation Count 2
PCVCR2
27
R
Multiframe Out of Sync Count 2
MOSCR2
28
R
Receive FDL Register
RFDL
29
R/W
Receive FDL Match 1
RMTCH1
2A
R/W
Receive FDL Match 2
RMTCH2
2B
R/W
Receive Control 1
RCR1
2C
R/W
Receive Control 2
RCR2
2D
R/W
Receive Mark 1
RMR1
2E
R/W
Receive Mark 2
RMR2
2F
R/W
Receive Mark 3
RMR3
30
R/W
Common Control 3
CCR3
31
R/W
Receive Information 2
RIR2
32
R/W
Transmit Channel Blocking 1
TCBR1
33
R/W
Transmit Channel Blocking 2
TCBR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com