| Electronic Components Datasheet Search |
|
DS2152LN Datasheet(PDF) 52 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2152LN Datasheet(HTML) 52 Page - Dallas Semiconductor |
|
52 / 94 page ![]() DS2152 52 of 93 RCC1/RCC2/RCC3: RECEIVE CHANNEL CONTROL REGISTER (Address=1B to 1D Hex) (MSB) (LSB) CH8 CH7 CH6 CH5 CH4 CH3 CH2 CH1 RCC1 (1B) CH16 CH15 CH14 CH13 CH12 CH11 CH10 CH9 RCC2 (1C) CH24 CH23 CH22 CH21 CH20 CH19 CH18 CH17 RCC3 (1D) SYMBOL POSITION NAME AND DESCRIPTION CH24 RCC3.7 Receive Channel 24 Code Insertion Control Bit 0=do not insert data from the RC24 register into the receive data stream 1=insert data from the RC24 register into the receive data stream CH1 RCC1.0 Receive Channel 1 Code Insertion Control Bit 0=do not insert data from the RC1 register into the receive data stream 1=insert data from the RC1 register into the receive data stream 9.0 CLOCK BLOCKING REGISTERS The Receive Channel Blocking Registers (RCBR1/RCBR2/RCBR3) and the Transmit Channel Blocking Registers (TCBR1/TCBR2/TCBR3) control the RCHBLK and TCHBLK pins respectively. The RCHBLK and TCHCLK pins are user-programmable outputs that can be forced either high or low during individual channels. These outputs can be used to block clocks to a USART or LAPD controller in Fractional T1 or ISDN-PRI applications. When the appropriate bits are set to a 1, the RCHBLK and TCHCLK pins will be held high during the entire corresponding channel time. See the timing in Section 15 for an example. RCBR1/RCBR2/RCBR3: RECEIVE CHANNEL BLOCKING REGISTERS (Address=6C to 6E Hex) (MSB) (LSB) CH8 CH7 CH6 CH5 CH4 CH3 CH2 CH1 RCBR1 (6C) CH16 CH15 CH14 CH13 CH12 CH11 CH10 CH9 RCBR2 (6D) CH24 CH23 CH22 CH21 CH20 CH19 CH18 CH17 RCBR3 (6E) SYMBOL POSITION NAME AND DESCRIPTION CH24 RCBR3.7 Receive Channel Blocking Registers. 0=force the RCHBLK pin to remain low during this channel time CH1 RCBR1.0 1=force the RCHBLK pin high during this channel time |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |