| Electronic Components Datasheet Search |
|
DS2152LN Datasheet(PDF) 40 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2152LN Datasheet(HTML) 40 Page - Dallas Semiconductor |
|
40 / 94 page ![]() DS2152 40 of 93 NOTES: 1. The upper nibble of the counter at address 25 is used by the Multiframes Out of Sync Count Register. 2. PCVCR counts either errors in CRC code words (in the ESF framing mode; CCR2.3=1) or errors in the framing bit position (in the D4 framing mode; CCR2.3=0). PATH CODE VIOLATION COUNTING ARRANGEMENTS Table 5-2 FRAMING MODE (CCR2.3) COUNT Fs ERRORS? (RCR2.1) WHAT IS COUNTED IN THE PCVCRs D4 no errors in the Ft pattern D4 yes errors in both the Ft & Fs patterns ESF don't care errors in the CRC6 code words 5.3 MULTIFRAMES OUT OF SYNC COUNT REGISTER (MOSCR) Normally the MOSCR is used to count the number of multiframes that the receive synchronizer is out of sync (RCR2.0=1). This number is useful in ESF applications needing to measure the parameters Loss Of Frame Count (LOFC) and ESF Error Events as described in AT&T publication TR54016. When the MOSCR is operated in this mode, it is not disabled during receive loss of synchronization (RLOS=1) conditions. The MOSCR has alternate operating mode whereby it will count either errors in the Ft framing pattern (in the D4 mode) or errors in the FPS framing pattern (in the ESF mode). When the MOSCR is operated in this mode, it is disabled during receive loss of synchronization (RLOS=1) conditions. See Table 5-3 for a detailed description of what the MOSCR is capable of counting. MOSCR1: MULTIFRAMES OUT OF SYNC COUNT REGISTER 1 (Address=25 Hex) MOSCR2: MULTIFRAMES OUT OF SYNC COUNT REGISTER 2 (Address=27 Hex) (MSB) (LSB) MOS/FB11 MOS/FB10 MOS/FB9 MOS/FB8 (note 1) (note 1) (note 1) (note 1) MOSCR1 MOS/FB7 MOS/FB6 MOS/FB5 MOS/FB4 MOS/FB3 MOS/FB2 MOS/FB1 MOS/FB0 MOSCR2 SYMBOL POSITION NAME AND DESCRIPTION MOS/FB11 MOSCR1.7 MSB of the 12-Bit Multiframes Out of Sync or F-Bit Error Count (note #2) MOS/FB0 MOSCR2.0 LSB of the 12-Bit Multiframes Out of Sync or F-Bit Error Count (note #2) NOTES: 1. The lower nibble of the counter at address 25 is used by the Path Code Violation Count Register. 2. MOSCR counts either errors in framing bit position (RCR2.0=0) or the number of multiframes out of sync (RCR2.0=1). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |