Electronic Components Datasheet Search
  English  ▼

X  

DS2175 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2175
Description  T1/CEPT Elastic Store
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2175 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2175 Datasheet HTML 2Page - Dallas Semiconductor DS2175 Datasheet HTML 3Page - Dallas Semiconductor DS2175 Datasheet HTML 4Page - Dallas Semiconductor DS2175 Datasheet HTML 5Page - Dallas Semiconductor DS2175 Datasheet HTML 6Page - Dallas Semiconductor DS2175 Datasheet HTML 7Page - Dallas Semiconductor DS2175 Datasheet HTML 8Page - Dallas Semiconductor DS2175 Datasheet HTML 9Page - Dallas Semiconductor DS2175 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DS2175
6 of 12
SYSTEM MULTIFRAME BOUNDARY TIMING (SYSCLK = 2.048 MHz) Figure 5
NOTES:
1. In 2.048 MHz receive side applications (RCLKSEL=1), all channel data is passed through the elastic
store.
2. In 1.544 MHz receive side applications (RCLKSEL=0), all channel data is passed through the elastic
store, except the F–bit position which is ignored. Data in channels >24 on the system side is forced to
all ones.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods of time may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com