Electronic Components Datasheet Search
  English  ▼

X  

DS2175 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2175
Description  T1/CEPT Elastic Store
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2175 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2175 Datasheet HTML 1Page - Dallas Semiconductor DS2175 Datasheet HTML 2Page - Dallas Semiconductor DS2175 Datasheet HTML 3Page - Dallas Semiconductor DS2175 Datasheet HTML 4Page - Dallas Semiconductor DS2175 Datasheet HTML 5Page - Dallas Semiconductor DS2175 Datasheet HTML 6Page - Dallas Semiconductor DS2175 Datasheet HTML 7Page - Dallas Semiconductor DS2175 Datasheet HTML 8Page - Dallas Semiconductor DS2175 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
092099
FEATURES
• Rate buffer for T1 and CEPT transmission
systems
• Synchronizes loop–timed and system timed
data streams on frame boundaries
• Ideal for T1 (1.544 MHz) to CEPT (2.048
MHz), CEPT to T1 interfaces
• Supports parallel and serial backplanes
• Buffer depth is 2 frames
• Comprehensive on–chip “slip” control logic
– Slips occur only on frame boundaries
– Outputs report slip occurrences and
direction
– Align feature allows buffer to be recentered
at any time
– Buffer depth easily monitored
• Compatible with DS2180A T1 and DS2181A
CEPT Transceivers
• Industrial temperature range of –40°C to
+85
°C available, designated DS2175N
PIN ASSIGNMENT
DESCRIPTION
The DS2175 is a low–power CMOS elastic–store memory optimized for use in primary rate telecommu-
nications transmission equipment. The device serves as a synchronizing element between async data
streams and is compatible with North American (T1–1.544 MHz) and European (CEPT–2.048 MHz) rate
networks. The chip has several flexible operating modes which eliminate support logic and hardware cur-
rently required to interconnect parallel or serial TDM backplanes. Application areas include digital
trunks, drop and insert equipment, digital cross–connects (DACS), private network equipment and
PABX–to–computer interfaces such as DMI and CPI.
DS2175
T1/CEPT Elastic Store
www.dalsemi.com
16-PIN DIP (300 MIL)
16-PIN SOIC (300 MIL)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDD
SYSCLK
SFSYNC
SSER
SCHCLK
S/P
SCLKSEL
RCLKSEL
RCLK
RSER
RMSYNC
FSD
SLIP
VSS
ALN
SMSYNC


Similar Part No. - DS2175

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2175 MAXIM-DS2175 Datasheet
246Kb / 12P
T1/CEPT Elastic Store
092099
More results

Similar Description - DS2175

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT66003 BOURNS-PT66003 Datasheet
127Kb / 1P
T1/CEPT Transformer
PT66007 BOURNS-PT66007 Datasheet
146Kb / 1P
T1/E1/CEPT Transformer
logo
Filtran LTD
TEW5301 FILTRAN-TEW5301 Datasheet
35Kb / 1P
CEPT/T1 Output Transformer
TEW5362 FILTRAN-TEW5362 Datasheet
25Kb / 1P
CEPT/T1 Output Transformer
TEW5434 FILTRAN-TEW5434 Datasheet
118Kb / 1P
CEPT/T1 Input Transformer
8150 FILTRAN-8150 Datasheet
268Kb / 2P
T1/CEPT Quad Port T1/E1
logo
Rhombus Industries Inc.
T-16700 RHOMBUS-IND-T-16700 Datasheet
43Kb / 1P
T1/CEPT Transformers
logo
Bothhand USA, LP.
S5871A BOTHHAND-S5871A Datasheet
92Kb / 1P
T1/CEPT TRANSFORMER
S5872 BOTHHAND-S5872 Datasheet
93Kb / 1P
T1/CEPT TRANSFORMER
logo
Maxim Integrated Produc...
DS2175 MAXIM-DS2175 Datasheet
246Kb / 12P
T1/CEPT Elastic Store
092099
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com