Electronic Components Datasheet Search
  English  ▼

X  

DS2175 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2175
Description  T1/CEPT Elastic Store
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2175 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS2175 Datasheet HTML 4Page - Dallas Semiconductor DS2175 Datasheet HTML 5Page - Dallas Semiconductor DS2175 Datasheet HTML 6Page - Dallas Semiconductor DS2175 Datasheet HTML 7Page - Dallas Semiconductor DS2175 Datasheet HTML 8Page - Dallas Semiconductor DS2175 Datasheet HTML 9Page - Dallas Semiconductor DS2175 Datasheet HTML 10Page - Dallas Semiconductor DS2175 Datasheet HTML 11Page - Dallas Semiconductor DS2175 Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DS2175
8 of 12
AC ELECTRICAL CHARACTERISTICS
(0°C TO 70°C; VDD=5V±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
RCLK Period
tRCLK
200
ns
RCLK, SYSCLK Rise and
Fall Times
tR, tF
20
ns
RCLK Pulse Width
tRWH,
tRWL
100
ns
SYSCLK Pulse Width
tSWH,
tSWL
100
ns
SYSCLK Period
tSYSCLK
200
ns
RMSYNC Setup to RCLK
Falling
tSC
20
tRWH-5
ns
SFSYNC Setup to
SYSCLK Falling
tSC
20
tSWH-5
ns
RMSYNC, SFSYNC,
ALN Pulse Width
tPW
50
ns
RSER Setup from RCLK
Falling
tSD
50
ns
RSER Hold from RCLK
Falling
tHD
50
ns
Propagation Delay
SYSCLK to SSER
tPVD
75
ns
Propagation Delay
SYSCLK to SMSYNC
High
tPSS
75
ns
Propagation Delay
SYSCLK or RCLK to
SLIP Low, FSD
Low/High
tPS
100
ns
ALN Setup to SFSYNC
Rising
tSR
500
ns
NOTES:
1. Measured at VIH =2.0V, VIL –0.8V, and 10 ns maximum rise and fall times.
2. Output load capacitance = 100 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com