Electronic Components Datasheet Search
  English  ▼

X  

DS2187 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2187
Description  Receive Line Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2187 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2187 Datasheet HTML 2Page - Dallas Semiconductor DS2187 Datasheet HTML 3Page - Dallas Semiconductor DS2187 Datasheet HTML 4Page - Dallas Semiconductor DS2187 Datasheet HTML 5Page - Dallas Semiconductor DS2187 Datasheet HTML 6Page - Dallas Semiconductor DS2187 Datasheet HTML 7Page - Dallas Semiconductor DS2187 Datasheet HTML 8Page - Dallas Semiconductor DS2187 Datasheet HTML 9Page - Dallas Semiconductor DS2187 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DS2187
7 of 10
ANALOG ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
DD = 5.0V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Clock Acquisition
tLOCK
50
ms
1
RTIP, RRING Minimum
Sensitivity
VTHRES
.4
.6
Vpk
2
FLL Loop Bandwidth
fBW
50
Hz
3
Capture Range
fCAP
± 6
%
4
Input Jitter Tolerance
JIN
200
UI
5
NOTES:
1. Time from reappearance of a valid signal at RPOS and RNEG to a LOCK=1.
2. Minimum peak voltage necessary for proper processing of signal.
3. Loop bandwidth when in lock (LOCK=1).
4. When out of lock (LOCK=0), measured as a percent of incoming clock frequency.
5. Maximum input jitter in unit intervals at 10 Hz.
CAPACITANCE
(TA = 25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5pF
Output Capacitance
COUT
7
pF
AC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
DD = 5.0V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
RCLK Period
tRCLK
594
648
702
ns
1,3
RCLK Period
tRCLK
445
488
530
ns
2,3
RCLK Pulse Width
tRWH,
tRWL
324
ns
1
RCLK Pulse Width
tRWH,
tRWL
244
ns
2
RCLK Rise and Fall Times
tR, tF
20
ns
Propagation delay RCLK TO
RPOS, RNEG
tPRD
75
ns
Propagation delay RCLK to
BPV, RCL, AIS
tPRA
75
ns
RAIS
Setup
tSU, tHD
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com