Electronic Components Datasheet Search
  English  ▼

X  

DS2187 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2187
Description  Receive Line Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2187 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2187 Datasheet HTML 2Page - Dallas Semiconductor DS2187 Datasheet HTML 3Page - Dallas Semiconductor DS2187 Datasheet HTML 4Page - Dallas Semiconductor DS2187 Datasheet HTML 5Page - Dallas Semiconductor DS2187 Datasheet HTML 6Page - Dallas Semiconductor DS2187 Datasheet HTML 7Page - Dallas Semiconductor DS2187 Datasheet HTML 8Page - Dallas Semiconductor DS2187 Datasheet HTML 9Page - Dallas Semiconductor DS2187 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DS2187
10 of 10
DS1287S RECEIVE LINE INTERFACE 20-PIN SOIC
PKG
18-PIN
DIM
MIN
MAX
A IN
MM
0.500
12.70
0.511
12.99
B IN
MM
0.290
7.37
0.300
7.65
C IN
MM
0.089
2.26
0.095
2.41
E IN
MM
0.004
0.102
0.012
0.30
F IN
MM
0.094
2.38
0.105
2.68
G IN
MM
0.050 BSC
1.27 BSC
H IN
MM
0.398
10.11
0.416
10.57
J IN
MM
0.009
0.229
0.013
0.33
K IN
MM
0.013
0.33
0.019
0.48
L IN
MM
0.016
0.406
0.040
1.20
phi
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com